データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M27C160-50M1 データシート(PDF) 9 Page - STMicroelectronics

部品番号 M27C160-50M1
部品情報  16 Mbit (2 Mb x 8 or 1 Mb x 16) UV EPROM and OTP EPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C160-50M1 データシート(HTML) 9 Page - STMicroelectronics

Back Button M27C160-50M1 Datasheet HTML 5Page - STMicroelectronics M27C160-50M1 Datasheet HTML 6Page - STMicroelectronics M27C160-50M1 Datasheet HTML 7Page - STMicroelectronics M27C160-50M1 Datasheet HTML 8Page - STMicroelectronics M27C160-50M1 Datasheet HTML 9Page - STMicroelectronics M27C160-50M1 Datasheet HTML 10Page - STMicroelectronics M27C160-50M1 Datasheet HTML 11Page - STMicroelectronics M27C160-50M1 Datasheet HTML 12Page - STMicroelectronics M27C160-50M1 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
M27C160
Device description
9/26
When in the standby mode, the outputs are in a high impedance state, independent of the G
input.
2.3
Two-line output control
Because EPROMs are usually used in larger memory arrays, this product features a 2-line
control function which accommodates the use of multiple memory connection. The two line
control function allows:
the lowest possible memory power dissipation,
complete assurance that output bus contention will not occur.
For the most efficient use of these two control lines, E should be decoded and used as the
primary device selecting function, while G should be made a common connection to all
devices in the array and connected to the READ line from the system control bus. This
ensures that all deselected memory devices are in their low power standby mode and that
the output pins are only active when data is required from a particular memory device.
2.4
System considerations
The power switching characteristics of Advanced CMOS EPROMs require careful
decoupling of the supplies to the devices. The supply current ICC has three segments of
importance to the system designer: the standby current, the active current and the transient
peaks that are produced by the falling and rising edges of E.
The magnitude of the transient current peaks is dependent on the capacitive and inductive
loading of the device outputs. The associated transient voltage peaks can be suppressed by
complying with the two line output control and by properly selected decoupling capacitors. It
is recommended that a 0.1µF ceramic capacitor is used on every device between VCC and
VSS. This should be a high frequency type of low inherent inductance and should be placed
as close as possible to the device. In addition, a 4.7µF electrolytic capacitor should be used
between VCC and VSS for every eight devices.
This capacitor should be mounted near the power supply connection point. The purpose of
this capacitor is to overcome the voltage drop caused by the inductive effects of PCB traces.
2.5
Programming
When delivered (and after each erasure for UV EPROM), all bits of the M27C160 are in the
'1' state. Data is introduced by selectively programming '0's into the desired bit locations.
Although only '0's will be programmed, both '1's and '0's can be present in the data word.
The only way to change a '0' to a '1' is by die exposure to ultraviolet light (UV EPROM). The
M27C160 is in the programming mode when VPP input is at 12.5V, G is at VIH and E is
pulsed to VIL. The data to be programmed is applied to 16 bits in parallel to the data output
pins. The levels required for the address and data inputs are TTL. VCC is specified to be
6.25V ± 0.25V.
2.6
Presto III programming algorithm
The Presto III Programming Algorithm allows the whole array to be programed with a
guaranteed margin in a typical time of 52.5 seconds. Programming with Presto III consists of


同様の部品番号 - M27C160-50M1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M27C160-50M1 STMICROELECTRONICS-M27C160-50M1 Datasheet
187Kb / 19P
   16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
M27C160-50M1TR STMICROELECTRONICS-M27C160-50M1TR Datasheet
187Kb / 19P
   16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
More results

同様の説明 - M27C160-50M1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M27W800 STMICROELECTRONICS-M27W800 Datasheet
140Kb / 15P
   8 Mbit 1Mb x 8 or 512Kb x 16 Low Voltage UV EPROM and OTP EPROM
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001_06 Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001_99 Datasheet
115Kb / 16P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27V102 STMICROELECTRONICS-M27V102 Datasheet
116Kb / 15P
   1 Mbit (64Kb x 16) Low Voltage UV EPROM and OTP EPROM
May 1998
M27C1001-10F1 STMICROELECTRONICS-M27C1001-10F1 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
September 2007 Rev 6
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C1001-70F1 STMICROELECTRONICS-M27C1001-70F1 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com