データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Z0109SA1AA2 データシート(PDF) 8 Page - STMicroelectronics

部品番号 Z0109SA1AA2
部品情報  1 A Triacs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0109SA1AA2 データシート(HTML) 8 Page - STMicroelectronics

  Z0109SA1AA2 Datasheet HTML 1Page - STMicroelectronics Z0109SA1AA2 Datasheet HTML 2Page - STMicroelectronics Z0109SA1AA2 Datasheet HTML 3Page - STMicroelectronics Z0109SA1AA2 Datasheet HTML 4Page - STMicroelectronics Z0109SA1AA2 Datasheet HTML 5Page - STMicroelectronics Z0109SA1AA2 Datasheet HTML 6Page - STMicroelectronics Z0109SA1AA2 Datasheet HTML 7Page - STMicroelectronics Z0109SA1AA2 Datasheet HTML 8Page - STMicroelectronics Z0109SA1AA2 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Revision History
Z01
8/9
5
Revision History
Date
Revision
Description of Changes
Oct-2001
4
Last update.
10-Feb-2005
5
Package: TO-92 tape and reel delivery mode 5AL2 added.
09-May-2005
6
Table 4 on page 2: typo. mistake corrected
1. (dV/dt)c instead of (dI/dt)c
2. V/µs unit instead of A/ms
21-Apr-2006
7
Reformatted to current standard. Table 2 on page 2: Typo
corrected. Values for IGT split into two separate rows.
10-Oct-2006
8
Table 2: modified test conditions for (dV/dt)c. Changed “ambient”
to “lead or tab” in Figure 2.


同様の部品番号 - Z0109SA1AA2

メーカー部品番号データシート部品情報
logo
STMicroelectronics
Z0109SA1AA2 STMICROELECTRONICS-Z0109SA1AA2 Datasheet
74Kb / 8P
   1A TRIACS
More results

同様の説明 - Z0109SA1AA2

メーカー部品番号データシート部品情報
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01_V01 Datasheet
296Kb / 16P
   Standard 1 A Triacs
Rev. 11 May 2019
logo
NXP Semiconductors
BTA201 NXP-BTA201 Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 03-10 September 2007
BTA201W NXP-BTA201W Datasheet
80Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 02-17 September 2007
BTA201 NXP-BTA201_08 Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 04-4 February 2008
BTA201W NXP-BTA201W_08 Datasheet
88Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 03-13 March 2008
logo
STMicroelectronics
T4 STMICROELECTRONICS-T4_V01 Datasheet
491Kb / 15P
   4 A Triacs
November 2016
logo
Kersemi Electronic Co.,...
Z0409MF KERSEMI-Z0409MF Datasheet
892Kb / 7P
   4 A Triacs
Z0409NF KERSEMI-Z0409NF Datasheet
892Kb / 7P
   4 A Triacs
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40_09 Datasheet
108Kb / 9P
   40 A standard TRIACs
logo
List of Unclassifed Man...
BTA22 ETC-BTA22 Datasheet
269Kb / 5P
   10-A SILICON TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com