データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Z0103NA1AA2 データシート(PDF) 1 Page - STMicroelectronics

部品番号 Z0103NA1AA2
部品情報  1 A Triacs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0103NA1AA2 データシート(HTML) 1 Page - STMicroelectronics

  Z0103NA1AA2 Datasheet HTML 1Page - STMicroelectronics Z0103NA1AA2 Datasheet HTML 2Page - STMicroelectronics Z0103NA1AA2 Datasheet HTML 3Page - STMicroelectronics Z0103NA1AA2 Datasheet HTML 4Page - STMicroelectronics Z0103NA1AA2 Datasheet HTML 5Page - STMicroelectronics Z0103NA1AA2 Datasheet HTML 6Page - STMicroelectronics Z0103NA1AA2 Datasheet HTML 7Page - STMicroelectronics Z0103NA1AA2 Datasheet HTML 8Page - STMicroelectronics Z0103NA1AA2 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
December 2006
Rev 8
1/9
9
Z01
Standard
1 A Triacs
Main Features
Description
The Z01 series is suitable for general purpose AC
switching applications. They can be found in
applications such as home appliances
(electrovalve, pump, door lock, small lamp
control), fan speed controllers,...
Different gate current sensitivities are available,
allowing optimized performances when controlled
directly from microcontrollers.
Order Codes
Symbol
Value
Unit
IT(RMS)
1A
VDRM/VRRM
600 to 800
V
IGT (Q
1)
3 to 25
mA
Part Number
Marking
Z01xxA
See Ordering information
on page 7
Z01xxN
A2
A1
G
A1
A2
G
A1
A2
G
A2
TO-92
Z01xxA
SOT-223
Z01xxN
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current
(full sine wave)
SOT-223
Ttab = 90° C
1A
TO-92
TL = 50° C
ITSM
Non repetitive surge peak on-state
current (full cycle, Tj initial = 25° C)
F = 50 Hz
t = 20 ms
8
A
F = 60 Hz
t = 16.7 ms
8.5
I²tI²t Value for fusing
tp = 10 ms
0.35
A²s
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 120 Hz
Tj = 125° C
20
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125° C
1
A
PG(AV)
Average gate power dissipation
Tj = 125° C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
° C
www.st.com


同様の部品番号 - Z0103NA1AA2

メーカー部品番号データシート部品情報
logo
STMicroelectronics
Z0103NA1AA2 STMICROELECTRONICS-Z0103NA1AA2 Datasheet
74Kb / 8P
   1A TRIACS
Z0103NA1AA2 STMICROELECTRONICS-Z0103NA1AA2 Datasheet
130Kb / 12P
   Standard 1A Triacs
More results

同様の説明 - Z0103NA1AA2

メーカー部品番号データシート部品情報
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01_V01 Datasheet
296Kb / 16P
   Standard 1 A Triacs
Rev. 11 May 2019
logo
NXP Semiconductors
BTA201 NXP-BTA201 Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 03-10 September 2007
BTA201W NXP-BTA201W Datasheet
80Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 02-17 September 2007
BTA201 NXP-BTA201_08 Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 04-4 February 2008
BTA201W NXP-BTA201W_08 Datasheet
88Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 03-13 March 2008
logo
STMicroelectronics
T4 STMICROELECTRONICS-T4_V01 Datasheet
491Kb / 15P
   4 A Triacs
November 2016
logo
Kersemi Electronic Co.,...
Z0409MF KERSEMI-Z0409MF Datasheet
892Kb / 7P
   4 A Triacs
Z0409NF KERSEMI-Z0409NF Datasheet
892Kb / 7P
   4 A Triacs
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40_09 Datasheet
108Kb / 9P
   40 A standard TRIACs
logo
List of Unclassifed Man...
BTA22 ETC-BTA22 Datasheet
269Kb / 5P
   10-A SILICON TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com