データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA7342EQ2N データシート(PDF) 11 Page - STMicroelectronics

部品番号 TDA7342EQ2N
部品情報  Digitally controlled audio processor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7342EQ2N データシート(HTML) 11 Page - STMicroelectronics

Back Button TDA7342EQ2N Datasheet HTML 7Page - STMicroelectronics TDA7342EQ2N Datasheet HTML 8Page - STMicroelectronics TDA7342EQ2N Datasheet HTML 9Page - STMicroelectronics TDA7342EQ2N Datasheet HTML 10Page - STMicroelectronics TDA7342EQ2N Datasheet HTML 11Page - STMicroelectronics TDA7342EQ2N Datasheet HTML 12Page - STMicroelectronics TDA7342EQ2N Datasheet HTML 13Page - STMicroelectronics TDA7342EQ2N Datasheet HTML 14Page - STMicroelectronics TDA7342EQ2N Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TDA7342EQ2N
I2C bus interface
11/21
4
I2C bus interface
Data transmission from microprocessor to the TDA7342EQ2N and viceversa takes place
thru the 2 wires I2C BUS interface, consisting of the two lines SDA and SCL (pull-up
resistors to positive supply voltage must be externally connected).
4.1
Data Validity
As shown in Figure 3, the data on the SDA line must be stable during the high period of the
clock. The HIGH and LOW state of the data line can only change when the clock signal on
the SCL line is LOW.
4.2
Start and Stop Conditions
As shown in Figure 5 a start condition is a HIGH to LOW transition of the SDA line while
SCL is HIGH. The stop condition is a LOW to HIGH transition of the SDA line while SCL is
HIGH.
A STOP conditions must be sent before each START condition.
4.3
Byte Format
Every byte transferred to the SDA line must contain 8 bits. Each byte must be followed by an
acknowledge bit. The MSB is transferred first.
4.4
Acknowledge
The master (µP) puts a resistive HIGH level on the SDA line during the acknowledge clock
pulse (see Figure 5). The peripheral (audioprocessor) that acknowledges has to pull-down
(LOW) the SDA line during the acknowledge clock pulse, so that the SDA line is stable LOW
during this clock pulse.
The audioprocessor which has been addressed has to generate an acknowledge after the
reception of each byte, otherwise the SDA line remains at the HIGH level during the ninth
clock pulse time. In this case the master transmitter can generate the STOP information in
order to abort the transfer.
4.5
Transmission without Acknowledge
Avoiding to detect the acknowledge of the audioprocessor, the
µP can use a simplier
transmission: simply it waits one clock without checking the slave acknowledging, and sends
the new data. This approach of course is less protected from misworking and decreases the
noise immunity.


同様の部品番号 - TDA7342EQ2N

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TDA7342 STMICROELECTRONICS-TDA7342 Datasheet
97Kb / 14P
   DIGITALLY CONTROLLED AUDIO PROCESSOR
November 1999
TDA7342 STMICROELECTRONICS-TDA7342 Datasheet
221Kb / 20P
   Digitally controlled audio processor
TDA7342N STMICROELECTRONICS-TDA7342N Datasheet
221Kb / 20P
   Digitally controlled audio processor
TDA7342NTR STMICROELECTRONICS-TDA7342NTR Datasheet
221Kb / 20P
   Digitally controlled audio processor
TDA7342 STMICROELECTRONICS-TDA7342_06 Datasheet
221Kb / 20P
   Digitally controlled audio processor
More results

同様の説明 - TDA7342EQ2N

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TDA7437N STMICROELECTRONICS-TDA7437N_06 Datasheet
353Kb / 34P
   Digitally controlled audio processor
logo
Princeton Technology Co...
PT2037 PTC-PT2037 Datasheet
259Kb / 6P
   Digitally Controlled Audio Processor
logo
STMicroelectronics
TDA7342 STMICROELECTRONICS-TDA7342 Datasheet
97Kb / 14P
   DIGITALLY CONTROLLED AUDIO PROCESSOR
November 1999
TDA7348 STMICROELECTRONICS-TDA7348 Datasheet
193Kb / 14P
   DIGITALLY CONTROLLED AUDIO PROCESSOR
November 1994
TDA7343 STMICROELECTRONICS-TDA7343 Datasheet
100Kb / 14P
   DIGITALLY CONTROLLED AUDIO PROCESSOR
November 1999
TDA7437N STMICROELECTRONICS-TDA7437N Datasheet
139Kb / 23P
   DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7348 STMICROELECTRONICS-TDA7348_07 Datasheet
220Kb / 20P
   Digitally controlled audio processor
TDA7437 STMICROELECTRONICS-TDA7437 Datasheet
181Kb / 23P
   DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7342 STMICROELECTRONICS-TDA7342_06 Datasheet
221Kb / 20P
   Digitally controlled audio processor
TDA7449L STMICROELECTRONICS-TDA7449L_04 Datasheet
104Kb / 14P
   LOW COST DIGITALLY CONTROLLED AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com