データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA7540NTR データシート(PDF) 8 Page - STMicroelectronics

部品番号 TDA7540NTR
部品情報  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system (ISS)
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540NTR データシート(HTML) 8 Page - STMicroelectronics

Back Button TDA7540NTR Datasheet HTML 4Page - STMicroelectronics TDA7540NTR Datasheet HTML 5Page - STMicroelectronics TDA7540NTR Datasheet HTML 6Page - STMicroelectronics TDA7540NTR Datasheet HTML 7Page - STMicroelectronics TDA7540NTR Datasheet HTML 8Page - STMicroelectronics TDA7540NTR Datasheet HTML 9Page - STMicroelectronics TDA7540NTR Datasheet HTML 10Page - STMicroelectronics TDA7540NTR Datasheet HTML 11Page - STMicroelectronics TDA7540NTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
Pins description and connection diagrams
TDA7540N
8/76
2
Pins description and connection diagrams
2.1
LQFP80 pins connection diagram
Figure 2.
LQFP80 pins connection (top view)
2.2
Pin description
1
2
3
5
6
4
7
8
9
10
31
11
32 33 34 35 36
75 74 73 72
70
71
69 68 67 66 65
55
54
53
51
50
52
60
59
58
56
57
AMRFAGCOUT
AMMIX1REF
AMMIX1IN
TEST1
MIX1 OUT1
DEVTC
FMMIX1IN2
GNDRF
FMMIX1IN1
AMPINDR
FMPINDR
AMIF2REF
AMIF2BPF
MPXOUT
VCCSTEREO
MPXIN
AFS
VREF1
AMIF2IN
MPXW
FMREFDEMC
GNDDEM
D06AU1653
26 27 28 29 30
76
77
78
79
80
21 22 23 24 25
49
48
46
45
47
MUTETC
MPTC
QUALYOUT
FSWO
GNDSTEREO
12
13
14
15
16
FMAGCTC
S1
ISSSTATUS
TV1
TV2
64 63 62 61
37 38 39 40
44
42
41
43
VCC1
R
GNDVCC1
L
17
18
19
20
VCCVCO
VCOE
VCOB
S2
Table 2.
Pin description
Pin #
Pin name
Function
1
MIX1OUT1
Mixer tank 10.7MHz
2
TEST1
Testing I/O pin
3
DEVTC
Deviation detector time constant
4
AMMIX1IN
AM mixer1 input
5
AMMIX1REF
AM mixer1 reference
6
AMRFAGCOUT
Output AM RF AGC
7
AMPINDR
AM pin diode driver output
8
FMPINDR
FM pin diode driver output
9
FMMIX1IN1
FM mixer1 input1


同様の部品番号 - TDA7540NTR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TDA7540B STMICROELECTRONICS-TDA7540B Datasheet
1Mb / 75P
   AM/FM Car Radio Tuner IC with Stereo Decoder and Intelligent Selectivity System (ISS)
More results

同様の説明 - TDA7540NTR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TDA7540B STMICROELECTRONICS-TDA7540B Datasheet
1Mb / 75P
   AM/FM Car Radio Tuner IC with Stereo Decoder and Intelligent Selectivity System (ISS)
TDA7512 STMICROELECTRONICS-TDA7512 Datasheet
761Kb / 42P
   AM/FM CAR RADIO TUNER IC WITH INTELLIGENT SELECTIVITY SYSTEM ISS
TDA7541B STMICROELECTRONICS-TDA7541B Datasheet
935Kb / 77P
   AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
TDA7541 STMICROELECTRONICS-TDA7541 Datasheet
872Kb / 76P
   AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
TDA7512F STMICROELECTRONICS-TDA7512F Datasheet
633Kb / 45P
   FM car-radio tuner IC with intelligent selectivity system (ISS)
logo
Rohm
BA1442A ROHM-BA1442A Datasheet
371Kb / 17P
   AM radio / FM IF stereo system IC
BA1448S ROHM-BA1448S Datasheet
183Kb / 9P
   AM radio / FM IF stereo system IC
BA1451F ROHM-BA1451F Datasheet
134Kb / 8P
   AM radio / FM IF stereo system IC
BA1450S ROHM-BA1450S Datasheet
181Kb / 10P
   AM radio / FM IF stereo system IC
logo
Sanyo Semicon Device
LA1883M SANYO-LA1883M Datasheet
168Kb / 8P
   Single-Chip FM/AM Tuner for Car Radio and Home Stereo Equipment?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com