データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA7496 データシート(PDF) 8 Page - STMicroelectronics

部品番号 TDA7496
部品情報  5W5W AMPLIFIER WITH DC VOLUME CONTROL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7496 データシート(HTML) 8 Page - STMicroelectronics

Back Button TDA7496 Datasheet HTML 3Page - STMicroelectronics TDA7496 Datasheet HTML 4Page - STMicroelectronics TDA7496 Datasheet HTML 5Page - STMicroelectronics TDA7496 Datasheet HTML 6Page - STMicroelectronics TDA7496 Datasheet HTML 7Page - STMicroelectronics TDA7496 Datasheet HTML 8Page - STMicroelectronics TDA7496 Datasheet HTML 9Page - STMicroelectronics TDA7496 Datasheet HTML 10Page - STMicroelectronics TDA7496 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TDA7496
8/11
Figure 10. Distortion vs Output Power
Figure 11. Closed Loop Gain vs. Frequency
Figure 12. St-By Attenuation vs Vpin 9
Figure 13. Mute Attenuation vs Vpin 10
PINS DESCRIPTION
Figure 14. PIN SVR
Figure 15. PINS: INL,INR
Distortion
(%)
Vs=12V
Rl=4
F=15KHz
F=1KHz
D03AU1500
Output Power (W)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4 1.6
1.8
2.0
0.1
0.01
1
20
0.02
0.2
2
20
22
24
26
28
30
Closed loop
Gain
(dB)
Frequency (KHz)
D03AU1501
Rl=8
Pout=0.5W
Cin=470nF
Cout=1000
µF
Csvr=470
µF
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
St-by Attenuation
(dB)
Vpin # 9 (V)
D03AU1502
Rl=8
0dB @ Pout=1W
-140
-120
-100
-80
-60
-40
-20
0
Mute Attenuation
(dB)
-120
-100
-80
-60
-40
-20
0
0
0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0 4.4 4.8 5.2
Vpin # 10 (V)
D03AU1503
Rl=8
0dB @ Pout=1W
+
-
6K
6K
1K
1K
30K
30K
SVR
20K
20K
VS
VS
VS
OUT L
OUT R
100
µA
D97AU585A
500
µA
30K
VS
INn
SVR
D97AU589
6K


同様の部品番号 - TDA7496

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TDA7496 STMICROELECTRONICS-TDA7496 Datasheet
167Kb / 10P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA7496 STMICROELECTRONICS-TDA7496 Datasheet
187Kb / 10P
   5W5W AMPLIFIER
TDA7496 STMICROELECTRONICS-TDA7496 Datasheet
1Mb / 13P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA7496L STMICROELECTRONICS-TDA7496L Datasheet
162Kb / 10P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
Bookly Micro electronic
TDA7496L BOOKLY-TDA7496L Datasheet
181Kb / 10P
   2 AMPLIFIER WITH DC VOLUME CONTROL
More results

同様の説明 - TDA7496

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TDA7496 STMICROELECTRONICS-TDA7496 Datasheet
167Kb / 10P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_10 Datasheet
259Kb / 8P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496 Datasheet
231Kb / 6P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7496SA STMICROELECTRONICS-TDA7496SA Datasheet
1Mb / 13P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_05 Datasheet
187Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496_12 Datasheet
247Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496_15 Datasheet
247Kb / 7P
   5W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7496SSA STMICROELECTRONICS-TDA7496SSA Datasheet
534Kb / 12P
   5W5W AMPLIFIER
TDA7496S STMICROELECTRONICS-TDA7496S Datasheet
187Kb / 10P
   5W5W AMPLIFIER
logo
Sanyo Semicon Device
LA42352 SANYO-LA42352 Datasheet
400Kb / 9P
   Monolithic Linear IC 5W 2-Channel AF Power Amplifier With DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com