データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA-XP2-17 データシート(PDF) 11 Page - Lattice Semiconductor

部品番号 LA-XP2-17
部品情報  LA-LatticeXP2 Family Data Sheet
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LATTICE [Lattice Semiconductor]
ホームページ  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LA-XP2-17 データシート(HTML) 11 Page - Lattice Semiconductor

Back Button LA-XP2-17 Datasheet HTML 7Page - Lattice Semiconductor LA-XP2-17 Datasheet HTML 8Page - Lattice Semiconductor LA-XP2-17 Datasheet HTML 9Page - Lattice Semiconductor LA-XP2-17 Datasheet HTML 10Page - Lattice Semiconductor LA-XP2-17 Datasheet HTML 11Page - Lattice Semiconductor LA-XP2-17 Datasheet HTML 12Page - Lattice Semiconductor LA-XP2-17 Datasheet HTML 13Page - Lattice Semiconductor LA-XP2-17 Datasheet HTML 14Page - Lattice Semiconductor LA-XP2-17 Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 83 page
background image
2-8
Architecture
Lattice Semiconductor
LA-LatticeXP2 Family Data Sheet
Figure 2-5. Clock Divider Connections
Clock Distribution Network
LA-LatticeXP2 devices have eight quadrant-based primary clocks and between six and eight flexible region-based
secondary clocks/control signals. Two high performance edge clocks are available on each edge of the device to
support high speed interfaces. The clock inputs are selected from external I/Os, the sysCLOCK PLLs, or routing.
Clock inputs are fed throughout the chip via the primary, secondary and edge clock networks.
Primary Clock Sources
LA-LatticeXP2 devices derive primary clocks from four sources: PLL outputs, CLKDIV outputs, dedicated clock
inputs and routing. LA-LatticeXP2 devices have two to four sysCLOCK PLLs, located in the four corners of the
device. There are eight dedicated clock inputs, two on each side of the device. Figure 2-6 shows the primary clock
sources.
RST
RELEASE
÷1
÷2
÷4
÷8
CLKOP (GPLL)
ECLK
CLKDIV


同様の部品番号 - LA-XP2-17

メーカー部品番号データシート部品情報
logo
Laird Tech Smart Techno...
LA-024-12-02-00-00 LSTD-LA-024-12-02-00-00 Datasheet
262Kb / 3P
   Compact form factor
LA-024-24-02-00-00 LSTD-LA-024-24-02-00-00 Datasheet
270Kb / 3P
   Precise temperature control
LA-045-12-02-00-00 LSTD-LA-045-12-02-00-00 Datasheet
307Kb / 3P
   Precise temperature control
LA-045-24-02-00-00 LSTD-LA-045-24-02-00-00 Datasheet
303Kb / 3P
   Precise temperature control
logo
FOTEK CONTROLS CO., LTD...
LA-05E FOTEK-LA-05E Datasheet
1Mb / 5P
   Slime Type Light Curtain
More results

同様の説明 - LA-XP2-17

メーカー部品番号データシート部品情報
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
LA-MACHXO LATTICE-LA-MACHXO Datasheet
875Kb / 77P
   LA-MachXO Automotive Family Data Sheet
LFXP2-8E-5QN208I LATTICE-LFXP2-8E-5QN208I Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
   MachXO Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
logo
Microchip Technology
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com