データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STP45N10 データシート(PDF) 10 Page - STMicroelectronics

部品番号 STP45N10
部品情報  N - CHANNEL 100V - 0.027ohm - 45A - TO-220/TO-220FI POWER MOS TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP45N10 データシート(HTML) 10 Page - STMicroelectronics

Back Button STP45N10 Datasheet HTML 2Page - STMicroelectronics STP45N10 Datasheet HTML 3Page - STMicroelectronics STP45N10 Datasheet HTML 4Page - STMicroelectronics STP45N10 Datasheet HTML 5Page - STMicroelectronics STP45N10 Datasheet HTML 6Page - STMicroelectronics STP45N10 Datasheet HTML 7Page - STMicroelectronics STP45N10 Datasheet HTML 8Page - STMicroelectronics STP45N10 Datasheet HTML 9Page - STMicroelectronics STP45N10 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is
granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are
subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products
are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a trademark of STMicroelectronics
© 1998 STMicroelectronics – Printed in Italy – All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands -
Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
.
STP45N10/FI
10/10


同様の部品番号 - STP45N10

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STP45N10F7 STMICROELECTRONICS-STP45N10F7 Datasheet
1Mb / 19P
   N-channel 100 V, 0.0145 typ., 45 A, STripFET VII DeepGATE Power MOSFETs in DPAK, I2PAK and TO-220 packages
October 2013 Rev 1
logo
Inchange Semiconductor ...
STP45N10F7 ISC-STP45N10F7 Datasheet
272Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
STP45N10F7 VBSEMI-STP45N10F7 Datasheet
969Kb / 7P
   N-Channel 100-V (D-S) MOSFET
More results

同様の説明 - STP45N10

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STP16N10L STMICROELECTRONICS-STP16N10L Datasheet
50Kb / 5P
   N - CHANNEL 100V - 0.14 ohm - 16A - TO-220 POWER MOS TRANSISTOR
IRF540 STMICROELECTRONICS-IRF540 Datasheet
53Kb / 6P
   N - CHANNEL100V - 00.50ohm - 30A - TO-220/TO-220FI POWER MOSFET
STP45NE06 STMICROELECTRONICS-STP45NE06 Datasheet
90Kb / 6P
   N - CHANNEL 60V - 0.022ohm - 45A - TO-220/TO-220FP STripFETO POWER MOSFET
STP45NE06L STMICROELECTRONICS-STP45NE06L Datasheet
88Kb / 6P
   N - CHANNEL 60V - 0.022ohm - 45A - TO-220/TO-220FP STripFET POWER MOSFET
STP4N20 STMICROELECTRONICS-STP4N20 Datasheet
82Kb / 8P
   N - CHANNEL 200V - 1.3 ohm - 4A TO-220 POWER MOS TRANSISTOR
STP60NE10 STMICROELECTRONICS-STP60NE10 Datasheet
108Kb / 9P
   N - CHANNEL 100V - 0.016W - 60A TO-220/TO-220FP STripFET] POWER MOSFET
logo
E-CMOS Corporation
EC731030D E-CMOS-EC731030D Datasheet
429Kb / 7P
   100V , 45A N-Channel
logo
STMicroelectronics
STP50NE10 STMICROELECTRONICS-STP50NE10 Datasheet
232Kb / 8P
   N-channel 100V - 0.021??- 50A TO-220 STripFET??Power MOSFET
STP50NE10L STMICROELECTRONICS-STP50NE10L Datasheet
86Kb / 8P
   N - CHANNEL 100V - 0.020ohm - 50A TO-220 STripFET POWER MOSFET
STP120NF10 STMICROELECTRONICS-STP120NF10 Datasheet
376Kb / 15P
   N-channel 100V - 0.009OHM - 110A - TO-247 - TO-220 - D2PAK STripFET2 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com