データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6219DSA データシート(PDF) 8 Page - STMicroelectronics

部品番号 L6219DSA
部品情報  Stepper motor driver for automotive range
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6219DSA データシート(HTML) 8 Page - STMicroelectronics

Back Button L6219DSA Datasheet HTML 4Page - STMicroelectronics L6219DSA Datasheet HTML 5Page - STMicroelectronics L6219DSA Datasheet HTML 6Page - STMicroelectronics L6219DSA Datasheet HTML 7Page - STMicroelectronics L6219DSA Datasheet HTML 8Page - STMicroelectronics L6219DSA Datasheet HTML 9Page - STMicroelectronics L6219DSA Datasheet HTML 10Page - STMicroelectronics L6219DSA Datasheet HTML 11Page - STMicroelectronics L6219DSA Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Block diagram
L6219DSA
8/15
Table 5.
Electrical characteristcs
(Tj = 40 °C to 125 °C, VS = 46 V, VSS = 4.75 V to 5.25 V, VREF = 5 V; unless
otherwise specified) See Figure 5
Parameter
Description
Test condition
Min.
Typ.
Max.
Unit
Output drivers (OUTA or OUTB)
VS
Motor supply range
10
-
46
V
ICEX
Output leakage current
VS = 52 V VOUT = 50 V
VS = 52 V VOUT = 1 V
-200
-
-
200
μA
μA
VCE(sat)
Output saturation voltage
Sink driver, IOUT= +500 mA
Sink driver, IOUT = +750 mA
Source driver, IOUT = -500 mA
Source driver, IOUT = -750 mA
-
-
-
-
-
-
-
-
0.75
1.15
1.6
1.8
V
V
V
V
VF
Clamp diode forward
voltage
High stage IF =750 mA
Low stage IF =750 mA
-
-
-
-
1.7
1.6
V
V
IS(on)
Driver supply current
Both bridges ON, no load
-
-
17
mA
IS(off)
Driver supply current
Both bridges OFF
-
-
12
mA
Control logic
VIN(H)
Input voltage
All inputs
2.4
-
-
V
VIN(L)
Input voltage
All inputs
-
-
0.8
V
IIN(H)
Input current
VIN = 2.4 V
-
<1
20
μA
IIN(L)
Input current
VIN = 0.84 V
-
-3
-200
μA
VREF
Reference voltage
Operating
1.5
-
7.5
V
ISS(ON)
Total logic supply current
Io = I1 = 0.8 V, no load
-
-
76
mA
ISS(OFF)
Total logic supply current
Io = I1 = 2.4 V, no load
-
-
15
mA
Comparators
VREF/ Vsense
Current limit threshold (at
trip point)
Io = I1 = 0.8 V
9.5
10
10.5
-
Io = 2.4 V, I1 = 0.8 V
13.5
15
16.5
-
Io = 0.8 V, I1 = 2.4 V
25.5
30
34.5
-
toff
Cutoff time
Rt = 56 KΩ Ct = 820 pF
-
50
-
μs
td
Turn off delay
Figure 3
-1-
μs
Protection
TJ
Thermal shutdown
temperature
-170
-
°C


同様の部品番号 - L6219DSA

メーカー部品番号データシート部品情報
logo
STMicroelectronics
L6219DSA STMICROELECTRONICS-L6219DSA Datasheet
65Kb / 8P
   STEPPER MOTOR DRIVER FOR AUTOMOTIVE RANGE
More results

同様の説明 - L6219DSA

メーカー部品番号データシート部品情報
logo
STMicroelectronics
L6219DSA STMICROELECTRONICS-L6219DSA Datasheet
65Kb / 8P
   STEPPER MOTOR DRIVER FOR AUTOMOTIVE RANGE
logo
TRINAMIC Motion Control...
TMC2041 TRINAMIC-TMC2041 Datasheet
2Mb / 65P
   POWER DRIVER FOR STEPPER MOTOR
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
   Stepper motor driver
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
   STEPPER MOTOR DRIVER
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
   Stepper Motor Driver
December, 2001 - Rev. 2
logo
STMicroelectronics
AN2650 STMICROELECTRONICS-AN2650 Datasheet
691Kb / 26P
   L9942 stepper motor driver for bipolar stepper motors
logo
New Japan Radio
NJM37770 NJRC-NJM37770 Datasheet
152Kb / 10P
   STEPPER MOTOR DRIVER
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
MC3479FN ONSEMI-MC3479FN Datasheet
100Kb / 10P
   Stepper Motor Driver
June, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com