データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC93N-20 データシート(PDF) 2 Page - Bookham, Inc.

部品番号 LC93N-20
部品情報  980 nm Pump Laser Module Unstabilised 100-220 mW
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOOKHAM [Bookham, Inc.]
ホームページ  
Logo BOOKHAM - Bookham, Inc.

LC93N-20 データシート(HTML) 2 Page - Bookham, Inc.

  LC93N-20 Datasheet HTML 1Page - Bookham, Inc. LC93N-20 Datasheet HTML 2Page - Bookham, Inc. LC93N-20 Datasheet HTML 3Page - Bookham, Inc. LC93N-20 Datasheet HTML 4Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Characteristics
Conditions unless otherwise stated: Case temperature
-20 to + 75°C
Submount temperature
25°C
Monitor diode bias
-5 V
CW operation
Kink free fibre-coupled output power:
LC93C-20
100 mW
LC93D-20
110 mW
LC93E-20
120 mW
LC93F-20
130 mW
LC93G-20
140 mW
LC93H-20
150 mW
LC93J-20
160 mW
LC93K-20
170 mW
LC93L-20
180 mW
LC93M-20
190 mW
LC93N-20
200 mW
LC93P-20
210 mW
LC93R-20
220 mW
Parameter
Min
Typ
Max
Unit
Threshold current (Ith)
25
35
mA
Operating drive current (If)
C, D, E
250
mA
F, G
300
H, J, K
350
L, M, N
400
P, R
450
Forward voltage
1.8
2.5
V
Peak wavelength(lp)
975
985
nm
Power in wavelength band 975-985 nm
85
95
%
Monitor detector responsivity
1
8
25
µA/mW
Monitor dark current
50
nA
Thermistor resistance (at 25°C)
9.5
10
10.5
k
Intended laser submount operating temperature
20
25
30
°C
Laser temperature, R = 10 k
23.5
26.5
°C
Heatpump current (
∆T = 50°C)
1.3
A
Heatpump voltage (
∆T = 50°C)
2.8
V
www.bookham.com


同様の部品番号 - LC93N-20

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LC93013A ETC1-LC93013A Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
LC93019A ETC1-LC93019A Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
LC93028A ETC1-LC93028A Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
LC93043A ETC1-LC93043A Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
LC93057A ETC1-LC93057A Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
More results

同様の説明 - LC93N-20

メーカー部品番号データシート部品情報
logo
Agere Systems
980 AGERE-980 Datasheet
212Kb / 8P
   980-Type Ultrahigh- Reliability Pump Laser Module
logo
Sanyo Semicon Device
DL-LS6002 SANYO-DL-LS6002 Datasheet
20Kb / 1P
   980 nm LASER DIODE
logo
JDS Uniphase Corporatio...
29-7402-310-FL JDSU-29-7402-310-FL Datasheet
267Kb / 6P
   Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
30-7402-500 JDSU-30-7402-500 Datasheet
280Kb / 7P
   Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
26-7402-100 JDSU-26-7402-100 Datasheet
271Kb / 6P
   Up to 180 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-7402-190 JDSU-27-7402-190 Datasheet
271Kb / 6P
   Up to 300 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
29-7402-310 JDSU-29-7402-310 Datasheet
276Kb / 7P
   Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
30-7402-500-FL JDSU-30-7402-500-FL Datasheet
270Kb / 6P
   Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
logo
Agere Systems
269 AGERE-269 Datasheet
85Kb / 8P
   269-Type 1480 nm Pump Laser Module
269-2 AGERE-269-2 Datasheet
95Kb / 8P
   69-Type 14xx nm DFB Pump Laser Module
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com