データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC4256B-5FTN256BC データシート(PDF) 2 Page - Lattice Semiconductor

部品番号 LC4256B-5FTN256BC
部品情報  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LATTICE [Lattice Semiconductor]
ホームページ  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4256B-5FTN256BC データシート(HTML) 2 Page - Lattice Semiconductor

  LC4256B-5FTN256BC Datasheet HTML 1Page - Lattice Semiconductor LC4256B-5FTN256BC Datasheet HTML 2Page - Lattice Semiconductor LC4256B-5FTN256BC Datasheet HTML 3Page - Lattice Semiconductor LC4256B-5FTN256BC Datasheet HTML 4Page - Lattice Semiconductor LC4256B-5FTN256BC Datasheet HTML 5Page - Lattice Semiconductor LC4256B-5FTN256BC Datasheet HTML 6Page - Lattice Semiconductor LC4256B-5FTN256BC Datasheet HTML 7Page - Lattice Semiconductor LC4256B-5FTN256BC Datasheet HTML 8Page - Lattice Semiconductor LC4256B-5FTN256BC Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 99 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
2
Table 2. ispMACH 4000Z Family Selection Guide
ispMACH 4000 Introduction
The high performance ispMACH 4000 family from Lattice offers a SuperFAST CPLD solution. The family is a blend
of Lattice’s two most popular architectures: the ispLSI
® 2000 and ispMACH 4A. Retaining the best of both families,
the ispMACH 4000 architecture focuses on significant innovations to combine the highest performance with low
power in a flexible CPLD family.
The ispMACH 4000 combines high speed and low power with the flexibility needed for ease of design. With its
robust Global Routing Pool and Output Routing Pool, this family delivers excellent First-Time-Fit, timing predictabil-
ity, routing, pin-out retention and density migration.
The ispMACH 4000 family offers densities ranging from 32 to 512 macrocells. There are multiple density-I/O com-
binations in Thin Quad Flat Pack (TQFP), Chip Scale BGA (csBGA) and Fine Pitch Thin BGA (ftBGA) packages
ranging from 44 to 256 pins/balls. Table 1 shows the macrocell, package and I/O options, along with other key
parameters.
The ispMACH 4000 family has enhanced system integration capabilities. It supports 3.3V (4000V), 2.5V (4000B)
and 1.8V (4000C/Z) supply voltages and 3.3V, 2.5V and 1.8V interface voltages. Additionally, inputs can be safely
driven up to 5.5V when an I/O bank is configured for 3.3V operation, making this family 5V tolerant. The ispMACH
4000 also offers enhanced I/O features such as slew rate control, PCI compatibility, bus-keeper latches, pull-up
resistors, pull-down resistors, open drain outputs and hot socketing. The ispMACH 4000 family members are 3.3V/
2.5V/1.8V in-system programmable through the IEEE Standard 1532 interface. IEEE Standard 1149.1 boundary
scan testing capability also allows product testing on automated test equipment. The 1532 interface signals TCK,
TMS, TDI and TDO are referenced to VCC (logic core).
Overview
The ispMACH 4000 devices consist of multiple 36-input, 16-macrocell Generic Logic Blocks (GLBs) interconnected
by a Global Routing Pool (GRP). Output Routing Pools (ORPs) connect the GLBs to the I/O Blocks (IOBs), which
contain multiple I/O cells. This architecture is shown in Figure 1.
ispMACH 4032ZC
ispMACH 4064ZC
ispMACH 4128ZC
ispMACH 4256ZC
Macrocells
32
64
128
256
I/O + Dedicated Inputs
32+4/32+4
32+4/32+12/
64+10/64+10
64+10/96+4
64+10/96+6/
128+4
tPD (ns)
3.5
3.7
4.2
4.5
tS (ns)
2.2
2.5
2.7
2.9
tCO (ns)
3.0
3.2
3.5
3.8
fMAX (MHz)
267
250
220
200
Supply Voltage (V)
1.8
1.8
1.8
1.8
Max. Standby Icc (µA)
20
25
35
55
Pins/Package
48 TQFP
56 csBGA
48 TQFP
56 csBGA
100 TQFP
132 csBGA
100 TQFP
132csBGA
100 TQFP
132 csBGA
176 TQFP


同様の部品番号 - LC4256B-5FTN256BC

メーカー部品番号データシート部品情報
logo
Lattice Semiconductor
LC4256B-5F256AC LATTICE-LC4256B-5F256AC Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256B-5F256AI LATTICE-LC4256B-5F256AI Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256B-5F256BC LATTICE-LC4256B-5F256BC Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256B-5F256BI LATTICE-LC4256B-5F256BI Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

同様の説明 - LC4256B-5FTN256BC

メーカー部品番号データシート部品情報
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com