データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LFEC33E-3TN144I データシート(PDF) 7 Page - Lattice Semiconductor

部品番号 LFEC33E-3TN144I
部品情報  LatticeECP/EC Family Data Sheet
Download  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LATTICE [Lattice Semiconductor]
ホームページ  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC33E-3TN144I データシート(HTML) 7 Page - Lattice Semiconductor

Back Button LFEC33E-3TN144I Datasheet HTML 3Page - Lattice Semiconductor LFEC33E-3TN144I Datasheet HTML 4Page - Lattice Semiconductor LFEC33E-3TN144I Datasheet HTML 5Page - Lattice Semiconductor LFEC33E-3TN144I Datasheet HTML 6Page - Lattice Semiconductor LFEC33E-3TN144I Datasheet HTML 7Page - Lattice Semiconductor LFEC33E-3TN144I Datasheet HTML 8Page - Lattice Semiconductor LFEC33E-3TN144I Datasheet HTML 9Page - Lattice Semiconductor LFEC33E-3TN144I Datasheet HTML 10Page - Lattice Semiconductor LFEC33E-3TN144I Datasheet HTML 11Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 163 page
background image
2-4
Architecture
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
Figure 2-4. Slice Diagram
Table 2-1. Slice Signal Descriptions
Function
Type
Signal Names
Description
Input
Data signal
A0, B0, C0, D0 Inputs to LUT4
Input
Data signal
A1, B1, C1, D1 Inputs to LUT4
Input
Multi-purpose
M0
Multipurpose Input
Input
Multi-purpose
M1
Multipurpose Input
Input
Control signal
CE
Clock Enable
Input
Control signal
LSR
Local Set/Reset
Input
Control signal
CLK
System Clock
Input
Inter-PFU signal
FCIN
Fast Carry In
1
Output
Data signals
F0, F1
LUT4 output register bypass signals
Output
Data signals
Q0, Q1
Register Outputs
Output
Data signals
OFX0
Output of a LUT5 MUX
Output
Data signals
OFX1
Output of a LUT6, LUT7, LUT8
2 MUX depending on the slice
Output
Inter-PFU signal
FCO
For the right most PFU the fast carry chain output
1
1. See Figure 2-3 for connection details.
2. Requires two PFUs.
LUT4 &
CARRY
LUT4 &
CARRY
Slice
A0
B0
C0
D0
FF/
Latch
OFX0
F0
Q0
A1
B1
C1
D1
CI
CI
CO
CO
F
SUM
CE
CLK
LSR
FF/
Latch
OFX1
F1
Q1
F
SUM
D
D
M1
To / From
Different slice / PFU
To / From
Different slice / PFU
LUT
Expansion
Mux
M0
OFX0
From
Routing
To
Routing
Control Signals
selected and
inverted per
slice in routing
Interslice signals
are not shown


同様の部品番号 - LFEC33E-3TN144I

メーカー部品番号データシート部品情報
logo
Lattice Semiconductor
LFEC33E-3T100C LATTICE-LFEC33E-3T100C Datasheet
557Kb / 117P
   LatticeECP/EC Family Data Sheet
LFEC33E-3T100I LATTICE-LFEC33E-3T100I Datasheet
557Kb / 117P
   LatticeECP/EC Family Data Sheet
LFEC33E-3T144C LATTICE-LFEC33E-3T144C Datasheet
557Kb / 117P
   LatticeECP/EC Family Data Sheet
LFEC33E-3T144I LATTICE-LFEC33E-3T144I Datasheet
557Kb / 117P
   LatticeECP/EC Family Data Sheet
More results

同様の説明 - LFEC33E-3TN144I

メーカー部品番号データシート部品情報
logo
Lattice Semiconductor
LFEC LATTICE-LFEC Datasheet
557Kb / 117P
   LatticeECP/EC Family Data Sheet
logo
List of Unclassifed Man...
812012 ETC-812012 Datasheet
46Kb / 3P
   EC Safety Data Sheet
D6X39B182 ETC2-D6X39B182 Datasheet
920Kb / 6P
   SAFETY DATA SHEET ACCORDING TO (EC)
logo
Lattice Semiconductor
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
   MachXO Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com