データシートサーチシステム |
|
SMAJ40A データシート(PDF) 1 Page - UNIOHM CORPORATION |
|
SMAJ40A データシート(HTML) 1 Page - UNIOHM CORPORATION |
1 / 4 page SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. RATINGS SYMBOL VALUE UNITS Peak Power Dissipation at TA=25 C, TP=1ms(NOTE 1) PPK Minimum 400 Watts FEATURES MECHANICAL DATA Peak Forward Surge Current at 8.3ms Single Half Sine-Wave Maximum Instantenous Forward Voltage at 25.0A for superimposed on rated load (JEDEC method) (NOTE 3) Unidirectional only Operating and Storage Temperature Range TJ, TSTG -55 to +150 C * For surface mount application 1.0ps from 0 volt to BV min. * High temperature soldering guaranteed: 260 C / 10 seconds at terminals * Typical IR less than 1 A above 10V * Fast response time: Typically less than * Built-in strain relief * Excellent clamping capability * Low profile package * Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Solderable per MIL-STD-202, method 208 guranteed * Polarity: Color band denotes cathode end except Bidirectional * Mounting position: Any Weight: 0.063 grams SMAJ SERIES * VOLTAGE RANGE 5.0 to 170 Volts 400 Watts Peak Power IFSM 40 Amps VF 3.5 Volts NOTES: 1. Non-repetitive current pulse per Fig. 3 and derated above TA=25 C per Fig. 2. 2. Mounted on Copper Pad area of 5.0mm (.013mm Thick) to each terminal. 3. 8.3ms single half sine-wave, duty cycle = 4 pulses per minute maximum. DEVICES FOR BIPOLAR APPLICATIONS 1. For Bidirectional use C or CA Suffix for types SMAJ5.0 thru SMAJ170. 2. Electrical characteristics apply in both directions. Dimensions in inches and (millimeters) .208(5.28) .194(4.93) .177(4.50) .157(3.99) .012(0.31) .006(0.15) .058(1.47) .052(1.32) .090(2.29) .078(1.98) .060(1.52) .030(0.76) .110(2.79) .100(2.54) .005 (.127) MAX. 2 DO-214AC(SMA) |
同様の部品番号 - SMAJ40A |
|
同様の説明 - SMAJ40A |