データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC9881 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 DAC9881
部品情報  18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

DAC9881 データシート(HTML) 7 Page - Texas Instruments

Back Button DAC9881 Datasheet HTML 3Page - Texas Instruments DAC9881 Datasheet HTML 4Page - Texas Instruments DAC9881 Datasheet HTML 5Page - Texas Instruments DAC9881 Datasheet HTML 6Page - Texas Instruments DAC9881 Datasheet HTML 7Page - Texas Instruments DAC9881 Datasheet HTML 8Page - Texas Instruments DAC9881 Datasheet HTML 9Page - Texas Instruments DAC9881 Datasheet HTML 10Page - Texas Instruments DAC9881 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
PIN CONFIGURATION
SCLK
SDI
LDAC
AGND
AV
DD
V
-S
REFL
(ThermalPad)
(1)
PDN
RST
USB/BTC
GAIN
RSTSEL
NC
1
2
3
4
5
6
18
17
16
15
14
13
DAC9881
DAC9881
www.ti.com ......................................................................................................................................................... SBAS438A – MAY 2008 – REVISED AUGUST 2008
RGE PACKAGE(1)
QFN-24
(TOP VIEW)
(1)
The thermal pad is internally connected to the substrate. This pad can be connected to the analog ground or left
floating. Keep the thermal pad separate from the digital ground, if possible.
TERMINAL FUNCTIONS
TERMINAL
NO.
NAME
I/O
DESCRIPTION
1
SCLK
I
SPI bus serial clock input
2
SDI
I
SPI bus serial data input
Load DAC latch control input (active low). When LDAC is low, the DAC latch is transparent, and the contents of the input
3
LDAC
I
register are transferred to the DAC latch. The DAC output changes to the corresponding level simultaneously when the
DAC latch is updated. It is recommended to connect this pin to IOVDD through a pull-up resistor.
4
AGND
I
Analog ground
5
AVDD
I
Analog power supply
6
VREFL-S
I
Reference low input sense
7
VREFH-S
I
Reference high input sense
8
VOUT
O
Output of output buffer
9
RFB
I
Feedback resistor connected to the inverting input of the output buffer.
10
VREFL-F
I
Reference low input force
11
VREFH-F
I
Reference high input force
12
NC
Do not connect.
13
NC
Do not connect.
Selects the value of the output from the VOUT pin after power-on or hardware reset. If RSTSEL = IOVDD, then register data
14
RSTSEL
I
= 20000h. If RSTSEL = DGND, then register data = 00000h.
15
GAIN
I
Buffer gain setting. Gain = 1 when the pin is connected to DGND; Gain = 2 when the pin is connected to IOVDD.
Input data format selection. Input data are straight binary format when the pin is connected to IOVDD, and in twos
16
USB/BTC
I
complement format when the pin is connected to DGND.
17
RST
I
Reset input (active low). Logic low on this pin causes the device to perform a reset.
Power-down input (active high). Logic high on this pin forces the device into power-down status. In power-down, the VOUT
18
PDN
I
pin connects to AGND through a 10k
Ω resistor.
SPI bus chip select input (active low). Data bits are not clocked into the serial shift register unless CS is low. When CS is
19
CS
I
high, SDO is in a high-impedance state. It is recommended to connect this pin to IOVDD through a pull-up resistor.
SPI serial data output selection. When SDOSEL is tied to IOVDD, the contents of the existing input register are shifted out
20
SDOSEL
I
from the SDO pin; this is Stand-Alone mode. When SDOSEL is tied to DGND, the contents in the SPI input shift register
are shifted out from the SDO pin; this is Daisy-Chain mode for daisy-chained communication.
21
AVDD
I
Analog power supply. Must be connected to pin 5.
22
DGND
I
Digital ground
23
SDO
O
SPI bus serial data output. Refer to the Timing Diagrams for further detail.
24
IOVDD
I
Interface power. Connect to +1.8V for 1.8V logic, +3V for 3V logic, and to +5V for 5V logic.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DAC9881


同様の部品番号 - DAC9881

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC9881 TI-DAC9881 Datasheet
296Kb / 13P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881 TI1-DAC9881 Datasheet
1Mb / 39P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881B TI1-DAC9881B Datasheet
1Mb / 39P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881IRGER TI-DAC9881IRGER Datasheet
296Kb / 13P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881IRGET TI-DAC9881IRGET Datasheet
296Kb / 13P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
More results

同様の説明 - DAC9881

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC9881 TI-DAC9881 Datasheet
296Kb / 13P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881 TI1-DAC9881_15 Datasheet
1Mb / 39P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC8881 TI-DAC8881 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC8581 TI-DAC8581 Datasheet
507Kb / 14P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8581 TI1-DAC8581_16 Datasheet
1Mb / 20P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7613 TI1-DAC7613_14 Datasheet
1Mb / 14P
[Old version datasheet]   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7641 TI1-DAC7641_08 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7641 BURR-BROWN-DAC7641 Datasheet
1,000Kb / 18P
   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7613 BURR-BROWN-DAC7613 Datasheet
559Kb / 9P
   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7613E TI1-DAC7613E Datasheet
746Kb / 13P
[Old version datasheet]   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com