データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN2108MPX データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 FAN2108MPX
部品情報  TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2108MPX データシート(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN2108MPX Datasheet HTML 2Page - Fairchild Semiconductor FAN2108MPX Datasheet HTML 3Page - Fairchild Semiconductor FAN2108MPX Datasheet HTML 4Page - Fairchild Semiconductor FAN2108MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN2108MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN2108MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN2108MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN2108MPX Datasheet HTML 9Page - Fairchild Semiconductor FAN2108MPX Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2108 • Rev. 1.0.0
6
Electrical Specifications (Continued)
Recommended operating conditions are the result of using the circuit shown in Figure 1 unless otherwise noted.
Symbol
Parameter
Conditions
Min. Typ. Max.
Unit
Control Functions
VEN_R
EN Threshold, Rising
1.35
2.00
V
VEN_HYS
EN Hysteresis
250
mV
REN
EN Pull-Up Resistance
800
K
Ω
IEN
EN Discharge Current
Auto-Restart Mode
1
µA
RFB
FB OK Drive Resistance
800
Ω
FB < VREF
-14
-11
-8
VPG
PGOOD Threshold
FB > VREF
+7
+10 +13.5
%VREF
VPG_L
PGOOD Output Low
IOUT < 2mA
0.4
V


同様の部品番号 - FAN2108MPX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN2108MPX FAIRCHILD-FAN2108MPX_12 Datasheet
759Kb / 14P
   TinyBuck??3-24 V Input, 8 A, High-Efficiency, Integrated Synchronous Buck Regulator
More results

同様の説明 - FAN2108MPX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN2110 FAIRCHILD-FAN2110 Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04 Datasheet
793Kb / 18P
   TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_09 Datasheet
763Kb / 15P
   3-24V Input, 6A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_12 Datasheet
811Kb / 15P
   TinyBuck??3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108_12 Datasheet
759Kb / 14P
   TinyBuck??3-24 V Input, 8 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110_12 Datasheet
1Mb / 18P
   TinyBuck?? 3-24 V Input, 10 A, High- Efficiency, Integrated Synchronous Buck Regulator
FAN21SV06 FAIRCHILD-FAN21SV06 Datasheet
1Mb / 17P
   TinyBuck??6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com