データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN5355UC00X データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 FAN5355UC00X
部品情報  1A / 0.8A, 3MHz Digitally Programmable TinyBuckTM Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5355UC00X データシート(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN5355UC00X Datasheet HTML 3Page - Fairchild Semiconductor FAN5355UC00X Datasheet HTML 4Page - Fairchild Semiconductor FAN5355UC00X Datasheet HTML 5Page - Fairchild Semiconductor FAN5355UC00X Datasheet HTML 6Page - Fairchild Semiconductor FAN5355UC00X Datasheet HTML 7Page - Fairchild Semiconductor FAN5355UC00X Datasheet HTML 8Page - Fairchild Semiconductor FAN5355UC00X Datasheet HTML 9Page - Fairchild Semiconductor FAN5355UC00X Datasheet HTML 10Page - Fairchild Semiconductor FAN5355UC00X Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
© 2008 Fairchild Semiconductor Corporation
7
www.fairchildsemi.com
FAN5355 • Rev. 1.0.4
Electrical Specifications (Continued)
VIN = 3.6V, EN = VIN, VSEL = VIN, SYNC = GND, VSEL0(6) bit = 1, CONTROL2[4:3] = 00. TA = -40°C to +85°C, unless otherwise
noted. Typical values are at TA = 25°C. Circuit and components according to Figure 1.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
DAC
Option 07
7
Bits
Resolution
All Other Options
6
Bits
Differential Nonlinearity
Monotonicity Assured by Design
0.8
LSB
Timing
I2CEN
EN HIGH to I
2C Start
250
μs
tV(L-H)
VOUT LOW to HIGH Settling
RLOAD = 75Ω, Transition from 1.0 to 1.5375V
VOUT Settled to within 2% of Setpoint
7
μs
Soft-Start
Option 06
RLOAD > 5Ω, to VOUT = 1.8000V
170
210
μs
tSS
Regulator Enable
to Regulated
VOUT
All Other
Options
RLOAD > 5Ω, to VOUT = Power-up Default
140
180
μs
VSLEW
Soft-start VOUT Slew Rate
(12)
18.75
V/ms
Note:
12. Option 06 slew rate is 35.5V/ms during the first 16
μs of soft-start.
REF
7-bit
DAC
SOFT START
FPWM
EN_REG
CLK
3 MHz Osc
I2C
INTERFACE
AND LOGIC
EN
VSEL
SYNC
SDA
SCL
SW
Q1
Q2
PGND
PVIN
C
OUT
VOUT
L
OUT
VOUT
C
IN
AGND
AVIN
MODULATOR
VIN
Figure 4. Block Diagram


同様の部品番号 - FAN5355UC00X

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5355UC00X FAIRCHILD-FAN5355UC00X Datasheet
2Mb / 26P
   1A / 0.8A, 3MHz Digitally Programmable Regulator
logo
ON Semiconductor
FAN5355UC00X ONSEMI-FAN5355UC00X Datasheet
1Mb / 27P
   1.1 A / 1 A / 0.8 A, 3 MHz Digitally Programmable Regulator
Rev. 1.1.7
More results

同様の説明 - FAN5355UC00X

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5355 FAIRCHILD-FAN5355_10 Datasheet
2Mb / 26P
   1A / 0.8A, 3MHz Digitally Programmable Regulator
FAN5365 FAIRCHILD-FAN5365 Datasheet
1,020Kb / 24P
   1A / 0.8A, 6MHz Digitally Programmable Regulator
logo
ON Semiconductor
FAN53200 ONSEMI-FAN53200 Datasheet
785Kb / 16P
   Digitally Programmable TinyBuck Regulator
January, 2018 ??Rev. 2
FAN53526 ONSEMI-FAN53526 Datasheet
1Mb / 25P
   Digitally Programmable TinyBuck Regulator
July 2017 Rev. 3.1
FAN53525 ONSEMI-FAN53525 Datasheet
509Kb / 6P
   3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0.1
logo
Fairchild Semiconductor
FAN53525 FAIRCHILD-FAN53525 Datasheet
390Kb / 4P
   3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
logo
Richtek Technology Corp...
RT8048 RICHTEK-RT8048 Datasheet
162Kb / 11P
   3MHz 1A Step-Down Converter
DS8048-01 RICHTEK-DS8048-01 Datasheet
168Kb / 11P
   3MHz 1A Step-Down Converter
logo
ON Semiconductor
FAN53202 ONSEMI-FAN53202 Datasheet
1Mb / 21P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0
FAN53555 ONSEMI-FAN53555 Datasheet
1Mb / 32P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
March, 2018 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com