データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN5361UC182X データシート(PDF) 8 Page - Fairchild Semiconductor

部品番号 FAN5361UC182X
部品情報  6MHz, 600mA TinyBuck??Synchronous Buck Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5361UC182X データシート(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN5361UC182X Datasheet HTML 4Page - Fairchild Semiconductor FAN5361UC182X Datasheet HTML 5Page - Fairchild Semiconductor FAN5361UC182X Datasheet HTML 6Page - Fairchild Semiconductor FAN5361UC182X Datasheet HTML 7Page - Fairchild Semiconductor FAN5361UC182X Datasheet HTML 8Page - Fairchild Semiconductor FAN5361UC182X Datasheet HTML 9Page - Fairchild Semiconductor FAN5361UC182X Datasheet HTML 10Page - Fairchild Semiconductor FAN5361UC182X Datasheet HTML 11Page - Fairchild Semiconductor FAN5361UC182X Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5361 • Rev. 1.0.0
8
Typical Performance Characteristics (Continued)
Unless otherwise noted, VIN = VEN = 3.6V, VMODE = 0V, VOUT = 1.82V, TA = 25°C, 5µs/div. horizontal sweep.
Figure 20. Line Transient 3.3VIN to 3.9VIN,
50mA Load, 10µs/div.
Figure 21. Line Transient 3.3VIN to 3.9VIN,
250mA Load, 10µs/div.
Figure 22.
Combined Line/Load Transient 3.3 to
3.9VIN Combined with 400mA to 40mA Load Transient
Figure 23. Combined Line/Load Transient 3.9 to 3.3VIN
Combined with 400mA to 40mA Load Transient
Figure 24. Load Transient 0 to 150mA, 2.5VIN
Figure 25. Load Transient 50 to 250mA, 2.5VIN


同様の部品番号 - FAN5361UC182X

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FAN5361UC182X ONSEMI-FAN5361UC182X Datasheet
1Mb / 18P
   6 MHz, 600 mA / 750 mA Synchronous Buck Regulator
October-2017, Rev. 2
More results

同様の説明 - FAN5361UC182X

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5361 FAIRCHILD-FAN5361_10 Datasheet
1Mb / 18P
   6MHz, 600mA / 750mA Synchronous Buck Regulator
logo
Sipex Corporation
SP6659 SIPEX-SP6659 Datasheet
201Kb / 10P
   1.5MHz, 600mA Synchronous Buck Regulator
SP6659 SIPEX-SP6659_06 Datasheet
340Kb / 11P
   1.5MHz, 600mA Synchronous Buck Regulator
logo
Anpec Electronics Corop...
APW7101 ANPEC-APW7101 Datasheet
341Kb / 16P
   1.5MHz, 600mA, Synchronous Buck Regulator
logo
ON Semiconductor
FAN53541 ONSEMI-FAN53541 Datasheet
1Mb / 17P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Rev. 1.1
logo
Fairchild Semiconductor
FAN2315MPX FAIRCHILD-FAN2315MPX Datasheet
1Mb / 19P
   FAN2315 TinyBuck 15 A Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN53541 FAIRCHILD-FAN53541 Datasheet
1Mb / 15P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com