データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN5308 データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 FAN5308
部品情報  800mA High-Efficiency Step-Down DC-DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5308 データシート(HTML) 5 Page - Fairchild Semiconductor

  FAN5308 Datasheet HTML 1Page - Fairchild Semiconductor FAN5308 Datasheet HTML 2Page - Fairchild Semiconductor FAN5308 Datasheet HTML 3Page - Fairchild Semiconductor FAN5308 Datasheet HTML 4Page - Fairchild Semiconductor FAN5308 Datasheet HTML 5Page - Fairchild Semiconductor FAN5308 Datasheet HTML 6Page - Fairchild Semiconductor FAN5308 Datasheet HTML 7Page - Fairchild Semiconductor FAN5308 Datasheet HTML 8Page - Fairchild Semiconductor FAN5308 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5308 Rev. 1.0.2
5
Typical Performance Characteristics
TA = 25°C, CIN = 10µF, COUT = 20µF, L = 3.3µH, R2 = 10kΩ, unless otherwise noted.
1
10
100
1000
60
65
70
75
80
85
90
95
100
VIN = 5V
VOUT = 3.3V
VIN = 3.6V
VOUT = 1.2V
VIN = 3.6V
VOUT = 3V
0.1
1
10
100
1000
35
40
45
50
55
60
65
70
75
80
85
90
95
100
VIN = 5.5V
VOUT = 3.3V
VIN = 3.9V
0.1
1
10
100
1000
30
40
50
60
70
80
90
100
Load Current (mA)
Load Current (mA)
Load Current (mA)
Load Current (mA)
Figure 5. Efficiency vs. Load Current
Figure 3. Efficiency vs. Load Current
Figure 4. Efficiency vs. Load Current
VOUT = 1.2V
VIN = 5.5V
V IN = 3.6V
VIN = 2.5V
0
200
400
600
800
1000
1.192
1.194
1.196
1.198
1.200
1.202
1.204
1.206
1.208
1.210
1.212
1.214
VIN = 5V
Figure 6. Output Voltage vs. Load Current
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
10
20
30
40
50
60
70
80
Input Voltage (V)
R 2 = 100kΩ
R 2 = 10kΩ
Figure 7. Quiescent Current vs. Input Voltage
-40
-20
0
20
40
60
80
100
1200
1220
1240
1260
1280
1300
1320
1340
1360
1380
1400
Temperature (
°C)
Figure 8. Frequency vs. Temperature
VIN = 2.5V
VIN = 3.6V
VIN = 5.5V
VOUT = 1.2V
R 2 = 100kΩ
R 2 = 100kΩ


同様の部品番号 - FAN5308

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308 Datasheet
409Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN5308MPX FAIRCHILD-FAN5308MPX Datasheet
409Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
More results

同様の説明 - FAN5308

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308 Datasheet
409Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
logo
Unisonic Technologies
UC3666 UTC-UC3666 Datasheet
190Kb / 8P
   DUAL CHANNEL 800mA HIGH EFFICIENCY STEP-DOWN DC/DC CONVERTER
logo
Richtek Technology Corp...
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
logo
BCD Semiconductor Manuf...
AUR9703 BCDSEMI-AUR9703 Datasheet
892Kb / 20P
   1.5MHz, 800mA, STEP DOWN DC-DC CONVERTER
logo
ELM Technology Corporat...
ELM600LA ELM-TECH-ELM600LA Datasheet
2Mb / 10P
   ELM600LA 800mA 1.4MHz high efficiency synchronous PWM step down DC/DC converter
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
   high-efficiency step down DC-DC converter
logo
Texas Instruments
TPS62205 TI-TPS62205 Datasheet
264Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com