データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN5336MPX データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FAN5336MPX
部品情報  1.5MHz Boost Regulator with 33V Integrated FET Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5336MPX データシート(HTML) 2 Page - Fairchild Semiconductor

  FAN5336MPX Datasheet HTML 1Page - Fairchild Semiconductor FAN5336MPX Datasheet HTML 2Page - Fairchild Semiconductor FAN5336MPX Datasheet HTML 3Page - Fairchild Semiconductor FAN5336MPX Datasheet HTML 4Page - Fairchild Semiconductor FAN5336MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN5336MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN5336MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN5336MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN5336MPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
FAN5336 Rev. 1.0.1
2
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Ordering Information
Pin Assignments
Figure 2. 6-Lead, 3x3mm MLP (Top View)
Pin Descriptions
Part Number
Package
Temperature Range
Pb-Free
Packing Method
FAN5336MPX
6-Lead 3x3mm MLP
-40°C to +85°C
Yes
Tape and Reel
FAN5336UMPX
6-Lead 3x3mm UMLP
-40°C to +85°C
Yes
Tape and Reel
Pin #
Name
Description
P1
GND
Analog and Power Ground. P1 must be soldered to the PCB ground.
1VIN
Input Voltage Pin.
2
GND
Ground.
3
SHDN
Shutdown Control Pin. Logic HIGH enables, logic LOW disables the device.
4FB
Feedback Pin. Feedback node that connects to an external voltage divider.
5
NC
No Connect.
6
SW
Switching Node.
SHDN
FB
GND
SW
VIN
NC
1
2
3
6
5
4
P1


同様の部品番号 - FAN5336MPX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5336MPX FAIRCHILD-FAN5336MPX Datasheet
697Kb / 9P
   1.5MHz Boost Regulator with 33V Integrated FET Switch
More results

同様の説明 - FAN5336MPX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5336 FAIRCHILD-FAN5336 Datasheet
697Kb / 9P
   1.5MHz Boost Regulator with 33V Integrated FET Switch
logo
Renesas Technology Corp
ISL78219 RENESAS-ISL78219 Datasheet
796Kb / 15P
   Automotive Boost Regulator with 4A Integrated Switch
logo
Eutech Microelectronics...
EUP2570 EUTECH-EUP2570 Datasheet
72Kb / 1P
   1MHz Boost Regulator with 18V Integrated FET Switch in Tiny SOT-23
logo
Fairchild Semiconductor
FAN5331 FAIRCHILD-FAN5331 Datasheet
214Kb / 10P
   1.6MHz Boost Converter with 20V Integrated FET Switch
logo
Rohm
BD8152FVM ROHM-BD8152FVM_14 Datasheet
1Mb / 27P
   Boost Converter with Integrated FET
logo
Intersil Corporation
ISL97701 INTERSIL-ISL97701 Datasheet
189Kb / 10P
   Boost Regulator with Integrated Schottky and Input Disconnect Switch
logo
Renesas Technology Corp
ISL97701 RENESAS-ISL97701 Datasheet
547Kb / 11P
   Boost Regulator with Integrated Schottky and Input Disconnect Switch
logo
Microchip Technology
MCP1661 MICROCHIP-MCP1661 Datasheet
1,011Kb / 34P
   High-Voltage Integrated Switch PWM Boost Regulator with UVLO
01/27/15
logo
Texas Instruments
TPS2500 TI-TPS2500 Datasheet
1Mb / 42P
[Old version datasheet]   INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
logo
Micrel Semiconductor
MIC3223 MICREL-MIC3223 Datasheet
1Mb / 24P
   High Power Boost LED Driver with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com