データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN5665UCX データシート(PDF) 11 Page - Fairchild Semiconductor

部品番号 FAN5665UCX
部品情報  High-Efficiency, Adaptive Charge Pump 5V Boost
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5665UCX データシート(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN5665UCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5665UCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5665UCX Datasheet HTML 9Page - Fairchild Semiconductor FAN5665UCX Datasheet HTML 10Page - Fairchild Semiconductor FAN5665UCX Datasheet HTML 11Page - Fairchild Semiconductor FAN5665UCX Datasheet HTML 12Page - Fairchild Semiconductor FAN5665UCX Datasheet HTML 13Page - Fairchild Semiconductor FAN5665UCX Datasheet HTML 14Page - Fairchild Semiconductor FAN5665UCX Datasheet HTML 15Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5665 • Rev. 1.0.1
11
Block Diagram
Figure 39. Block Diagram
Functional Description
Overview
FAN5665 is a 5V switched capacitor regulator with very
low output ripple and high efficiency. The maximum
output current is 30mA.
Linear Regulation Loop
The linear regulation loop (consisting of the power
transistors, output feedback, and error amplifier), is
used to regulate the output voltage and reduce current
spikes at mode change.
Soft-start
At power-up, the device has 0.5ms soft-start to control
the inrush current and make the output ramp up slowly.
Modes of Operation
FAN5665 has 1×, 1.5×, and 2× modes. Input voltage is
compared with reference to determine mode.
Light / Heavy Load Monitor
In 1.5× / 2× mode, there is a current sense to detect the
output current. If a light-load condition is detected, the
device switches to a lower switching frequency around
50kHz. This frequency is a good compromise between
achieving high light-load efficiency and not causing
audible noise generation. If the load is heavy (typically
more than 5mA), the device switches at 1.2MHz to
decrease the output voltage ripple.
Protection
FAN5665 has thermal shutdown protection when the
die temperature is more than 150°C. It turns back off
when the temperature falls by about 10°C.
Short-circuit protection helps avoid damage to the
device when the output is shorted to ground. Whenever
output voltage is pulled below 150mV, short-circuit
protection is triggered and limits the input current. If
VOUT>150mV, protection is in the form of thermal
shutdown if die temperature exceeds 150°C.


同様の部品番号 - FAN5665UCX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5665UCX FAIRCHILD-FAN5665UCX Datasheet
473Kb / 15P
   High-Efficiency, Adaptive Charge Pump 5V Boost
More results

同様の説明 - FAN5665UCX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5665 FAIRCHILD-FAN5665 Datasheet
473Kb / 15P
   High-Efficiency, Adaptive Charge Pump 5V Boost
logo
Sipex Corporation
SP6681 SIPEX-SP6681 Datasheet
125Kb / 10P
   High Efficiency Boost Charge Pump Regulator
SP6680 SIPEX-SP6680 Datasheet
140Kb / 9P
   High Efficiency Buck/Boost Charge Pump Regulator
SP6680 SIPEX-SP6680 Datasheet
251Kb / 12P
   High Efficiency Buck/Boost Charge Pump Regulator
logo
Jiaxing Heroic Technolo...
HT8310 HEROIC-HT8310 Datasheet
601Kb / 4P
   Built-in high efficiency adaptive charge pump boost, anti-shaving distortion, D/AB switching
logo
Fairchild Semiconductor
FAN5616 FAIRCHILD-FAN5616 Datasheet
917Kb / 14P
   High-Efficiency, Constant-Current LED Driver with Adaptive Charge Pump
logo
Analog Devices
LTC3290 AD-LTC3290 Datasheet
1Mb / 14P
   High Voltage Boost Charge Pump
08/19 Rev. 0
logo
Will Semiconductor Ltd.
WAA2995 WILLSEMI-WAA2995 Datasheet
1Mb / 15P
   Adaptive Charge-Pump Audio Amplifier
logo
ON Semiconductor
NCP5603 ONSEMI-NCP5603 Datasheet
128Kb / 13P
   High Efficiency Charge Pump Converter
November, 2005 ??Rev. 1
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
   High Efficiency 2X charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com