データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDB024N06 データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 FDB024N06
部品情報  N-Channel PowerTrench짰 MOSFET 60V, 265A, 2.4m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB024N06 データシート(HTML) 4 Page - Fairchild Semiconductor

  FDB024N06 Datasheet HTML 1Page - Fairchild Semiconductor FDB024N06 Datasheet HTML 2Page - Fairchild Semiconductor FDB024N06 Datasheet HTML 3Page - Fairchild Semiconductor FDB024N06 Datasheet HTML 4Page - Fairchild Semiconductor FDB024N06 Datasheet HTML 5Page - Fairchild Semiconductor FDB024N06 Datasheet HTML 6Page - Fairchild Semiconductor FDB024N06 Datasheet HTML 7Page - Fairchild Semiconductor FDB024N06 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FDB024N06 Rev. A3
www.fairchildsemi.com
4
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 11. Transient Thermal Response Curve
-100
-50
0
50
100
150
200
0.90
0.95
1.00
1.05
1.10
1.15
*Notes:
1. VGS = 0V
2. ID = 10mA
TJ, Junction Temperature [
o
C]
-100
-50
0
50
100
150
200
0.4
0.8
1.2
1.6
2.0
*Notes:
1. VGS = 10V
2. ID = 75A
TJ, Junction Temperature [
o
C]
110
100
0.1
1
10
100
1000
10µs
100µs
1ms
10ms
VDS, Drain-Source Voltage [V]
Operation in This Area
is Limited by R DS(on)
*Notes:
1. TC = 25
o
C
2. TJ = 175
o
C
3. Single Pulse
DC
25
50
75
100
125
150
175
0
50
100
150
200
250
300
TC, Case Temperature [
o
C]
Limited by package
10
-5
10
-4
10
-3
10
-2
10
-1
110
0.01
0.1
1
0.01
0.1
0.2
0.05
0.02
*Notes:
1. ZθJC(t) = 0.38
o
C/W Max.
2. Duty Factor, D= t1/t2
3. TJM - TC = PDM * ZθJC(t)
0.5
Single pulse
Rectangular Pulse Duration [sec]
0.005
t1
PDM
t2


同様の部品番号 - FDB024N06

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDB024N04AL7 FAIRCHILD-FDB024N04AL7 Datasheet
390Kb / 9P
   FDB024N04AL7 N-Channel PowerTrench짰 MOSFET
FDB024N08BL7 FAIRCHILD-FDB024N08BL7 Datasheet
681Kb / 9P
   Synchronous Rectification for ATX / Server / Telecom PSU
More results

同様の説明 - FDB024N06

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDI025N06 FAIRCHILD-FDI025N06 Datasheet
540Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 265A, 2.5m廓
FDP025N06 FAIRCHILD-FDP025N06 Datasheet
600Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 265A, 2.5m廓
FDB039N06 FAIRCHILD-FDB039N06_12 Datasheet
271Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 174A, 3.9m廓
FDB035AN06_F085 FAIRCHILD-FDB035AN06_F085 Datasheet
287Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 80A, 3.5m廓
FDP040N06 FAIRCHILD-FDP040N06 Datasheet
592Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 168A, 4.0m廓
FDI038AN06A0 FAIRCHILD-FDI038AN06A0_10 Datasheet
338Kb / 10P
   N-Channel PowerTrench짰 MOSFET 60V, 80A, 3.8m廓
FDD26AN06A0 FAIRCHILD-FDD26AN06A0_11 Datasheet
876Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 36A, 26m廓
FDD13AN06A0 FAIRCHILD-FDD13AN06A0_10 Datasheet
210Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 50A, 13.5m廓
FDD14AN06L_F085 FAIRCHILD-FDD14AN06L_F085_10 Datasheet
378Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 50A, 14.6m廓
logo
ON Semiconductor
FDD13AN06A0-F085 ONSEMI-FDD13AN06A0-F085 Datasheet
626Kb / 12P
   N-Channel PowerTrench짰 MOSFET 60V, 50A, 13.5m廓
September-2017, Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com