データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDB031N08 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FDB031N08
部品情報  N-Channel PowerTrench짰 MOSFET 75V, 235A, 3.1m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB031N08 データシート(HTML) 2 Page - Fairchild Semiconductor

  FDB031N08 Datasheet HTML 1Page - Fairchild Semiconductor FDB031N08 Datasheet HTML 2Page - Fairchild Semiconductor FDB031N08 Datasheet HTML 3Page - Fairchild Semiconductor FDB031N08 Datasheet HTML 4Page - Fairchild Semiconductor FDB031N08 Datasheet HTML 5Page - Fairchild Semiconductor FDB031N08 Datasheet HTML 6Page - Fairchild Semiconductor FDB031N08 Datasheet HTML 7Page - Fairchild Semiconductor FDB031N08 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FDB031N08 Rev. A3
www.fairchildsemi.com
2
Package Marking and Ordering Information T
C = 25
oC unless otherwise noted
Electrical Characteristics
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDB031N08
FDB031N08
D2-PAK
330mm
24mm
800
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250µA, VGS = 0V, TC = 25
oC75
-
-
V
∆BV
DSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250µA, Referenced to 25
oC
-
0.05
-
V/oC
IDSS
Zero Gate Voltage Drain Current
VDS = 75V, VGS = 0V
-
-
1
µA
VDS = 75V, TC = 150
oC
-
-
500
IGSS
Gate to Body Leakage Current
VGS = ±20V, VDS = 0V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 250µA2.5
3.5
4.5
V
RDS(on)
Static Drain to Source On Resistance
VGS = 10V, ID = 75A
-
2.4
3.1
m
gFS
Forward Transconductance
VDS = 10V, ID = 75A
(Note 4)
-
180
-
S
Ciss
Input Capacitance
VDS = 25V, VGS = 0V
f = 1MHz
-
11400
15160
pF
Coss
Output Capacitance
-
1360
1810
pF
Crss
Reverse Transfer Capacitance
-
595
800
pF
Qg(tot)
Total Gate Charge at 10V
VDS = 60V, ID = 75A
VGS = 10V
(Note 4, 5)
-
169
220
nC
Qgs
Gate to Source Gate Charge
-
60
-
nC
Qgd
Gate to Drain “Miller” Charge
-
47
-
nC
td(on)
Turn-On Delay Time
VDD = 37.5V, ID = 75A
RGEN = 25Ω, VGS = 10V
(Note 4, 5)
-
230
470
ns
tr
Turn-On Rise Time
-
191
392
ns
td(off)
Turn-Off Delay Time
-
335
680
ns
tf
Turn-Off Fall Time
-
121
252
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
235
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
940
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0V, ISD = 75A
-
-
1.3
V
trr
Reverse Recovery Time
VGS = 0V, ISD = 75A
dIF/dt = 100A/µs
(Note 4)
-53
-
ns
Qrr
Reverse Recovery Charge
-
77
-
nC
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. L = 0.71mH, IAS = 75A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
3. ISD ≤ 75A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test: Pulse width
≤ 300µs, Duty Cycle ≤ 2%
5. Essentially Independent of Operating Temperature Typical Characteristics


同様の部品番号 - FDB031N08

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
FDB031N08 ISC-FDB031N08 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - FDB031N08

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDA032N08 FAIRCHILD-FDA032N08 Datasheet
552Kb / 8P
   N-Channel PowerTrench짰 MOSFET 75V, 235A, 3.2m廓
FDP032N08 FAIRCHILD-FDP032N08_12 Datasheet
283Kb / 8P
   N-Channel PowerTrench짰 MOSFET 75V, 235A, 3.2m廓
FDP032N08 FAIRCHILD-FDP032N08 Datasheet
624Kb / 8P
   N-Channel PowerTrench짰 MOSFET 75V, 235A, 3.2m廓
FDP8442 FAIRCHILD-FDP8442 Datasheet
294Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 80A, 3.1m廓
FDP8442 FAIRCHILD-FDP8442_10 Datasheet
406Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 80A, 3.1m廓
FDB088N08 FAIRCHILD-FDB088N08 Datasheet
704Kb / 6P
   N-Channel PowerTrench짰 MOSFET 75V, 85A, 8.8m廓
FDB045AN08A0 FAIRCHILD-FDB045AN08A0_06 Datasheet
523Kb / 11P
   N-Channel PowerTrench짰 MOSFET 75V, 80A, 4.5m廓
FDP047N08 FAIRCHILD-FDP047N08 Datasheet
521Kb / 8P
   N-Channel PowerTrench짰 MOSFET 75V, 164A, 4.7m廓
FDP030N06B FAIRCHILD-FDP030N06B Datasheet
748Kb / 9P
   N-Channel PowerTrench짰 MOSFET 60V, 195A, 3.1m
FDB045AN08_F085 FAIRCHILD-FDB045AN08_F085 Datasheet
258Kb / 11P
   N-Channel PowerTrench짰 MOSFET 75V, 80A, 4.5m
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com