データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDD5N50U データシート(PDF) 8 Page - Fairchild Semiconductor

部品番号 FDD5N50U
部品情報  N-Channel MOSFET, FRFET 500V, 3A, 2.0廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD5N50U データシート(HTML) 8 Page - Fairchild Semiconductor

  FDD5N50U Datasheet HTML 1Page - Fairchild Semiconductor FDD5N50U Datasheet HTML 2Page - Fairchild Semiconductor FDD5N50U Datasheet HTML 3Page - Fairchild Semiconductor FDD5N50U Datasheet HTML 4Page - Fairchild Semiconductor FDD5N50U Datasheet HTML 5Page - Fairchild Semiconductor FDD5N50U Datasheet HTML 6Page - Fairchild Semiconductor FDD5N50U Datasheet HTML 7Page - Fairchild Semiconductor FDD5N50U Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
FDD5N50U Rev. A
www.fairchildsemi.com
8
Rev. I32
TRADEMARKS
The following are registered and unregistered trademarks and service marks Fairchild Semiconductor owns or is authorized to use and is
not intended to be an exhaustive list of all such trademarks.
* EZSWITCH™ and FlashWriter® are trademarks of System General Corporation, used under license by Fairchild Semiconductor.
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT NOTICE TO ANY PRODUCTS HEREIN TO
IMPROVE RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE
APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS
PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD’S
WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR
SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION.
As used herein:
1. Life support devices or systems are devices or systems which,
(a) are intended for surgical implant into the body, or (b)
support or sustain life, and (c) whose failure to perform when
properly used in accordance with instructions for use provided
in the labeling, can be reasonably expected to result in
significant injury to the user.
2.
A critical component is any component of a life support device
or system whose failure to perform can be reasonably
expected to cause the failure of the life support device or
system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS
Definition of Terms
ACEx®
Build it Now™
CorePLUS™
CROSSVOLT™
CTL™
Current Transfer Logic™
EcoSPARK®
EZSWITCH™ *
Fairchild®
Fairchild Semiconductor®
FACT Quiet Series™
FACT®
FAST®
FastvCore™
FlashWriter® *
FPS™
FRFET®
Global Power ResourceSM
Green FPS™
Green FPS™ e-Series™
GTO™
i-Lo™
IntelliMAX™
ISOPLANAR™
MegaBuck™
MICROCOUPLER™
MicroFET™
MicroPak™
MillerDrive™
Motion-SPM™
OPTOLOGIC®
OPTOPLANAR®
®
PDP-SPM™
Power220®
Power247®
POWEREDGE®
Power-SPM™
PowerTrench®
Programmable Active Droop™
QFET®
QS™
QT Optoelectronics™
Quiet Series™
RapidConfigure™
SMART START™
SPM®
STEALTH™
SuperFET™
SuperSOT™-3
SuperSOT™-6
SuperSOT™-8
SyncFET™
®
The Power Franchise®
TinyBoost™
TinyBuck™
TinyLogic®
TINYOPTO™
TinyPower™
TinyPWM™
TinyWire™
µSerDes™
UHC®
Ultra FRFET™
UniFET™
VCX™
tm
®
tm
tm
Datasheet Identification
Product Status
Definition
Advance Information
Formative or In Design
This datasheet contains the design specifications for product development.
Specifications may change in any manner without notice.
Preliminary
First Production
This datasheet contains preliminary data; supplementary data will be pub-
lished at a later date. Fairchild Semiconductor reserves the right to make
changes at any time without notice to improve design.
No Identification Needed
Full Production
This datasheet contains final specifications. Fairchild Semiconductor reserves
the right to make changes at any time without notice to improve design.
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontin-
ued by Fairchild semiconductor. The datasheet is printed for reference infor-
mation only.


同様の部品番号 - FDD5N50U

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
FDD5N50U ISC-FDD5N50U Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - FDD5N50U

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDP5N50U FAIRCHILD-FDP5N50U_12 Datasheet
392Kb / 10P
   N-Channel MOSFET, FRFET 500V, 4A, 2.0廓
FDD5N50F FAIRCHILD-FDD5N50F Datasheet
641Kb / 8P
   N-Channel MOSFET, FRFET 500V, 3.5A, 1.55廓
FDB12N50U FAIRCHILD-FDB12N50U Datasheet
638Kb / 8P
   N-Channel MOSFET, FRFET 500V, 10A, 0.8廓
FDB12N50U FAIRCHILD-FDB12N50U_12 Datasheet
354Kb / 8P
   N-Channel MOSFET, FRFET 500V, 10A, 0.8廓
FDP20N50F FAIRCHILD-FDP20N50F Datasheet
820Kb / 10P
   N-Channel MOSFET, FRFET 500V, 20A, 0.26廓
FDL100N50F FAIRCHILD-FDL100N50F Datasheet
725Kb / 8P
   N-Channel MOSFET,FRFET 500V, 100A, 0.055廓
FDB12N50F FAIRCHILD-FDB12N50F_12 Datasheet
377Kb / 8P
   N-Channel MOSFET, FRFET 500V, 11.5A, 0.7廓
FDP20N50F FAIRCHILD-FDP20N50F_11 Datasheet
375Kb / 10P
   N-Channel MOSFET, FRFET 500V, 20A, 0.26廓
FDB12N50F FAIRCHILD-FDB12N50F Datasheet
597Kb / 8P
   N-Channel MOSFET, FRFET 500V, 11.5A, 0.7廓
FDP5N50F FAIRCHILD-FDP5N50F Datasheet
807Kb / 10P
   N-Channel MOSFET, FRFET 500V, 4.5A, 1.55廓
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com