データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDD8880 データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FDD8880
部品情報  N-Channel PowerTrench짰 MOSFET 30V, 58A, 9m廓
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8880 データシート(HTML) 3 Page - Fairchild Semiconductor

  FDD8880_08 Datasheet HTML 1Page - Fairchild Semiconductor FDD8880_08 Datasheet HTML 2Page - Fairchild Semiconductor FDD8880_08 Datasheet HTML 3Page - Fairchild Semiconductor FDD8880_08 Datasheet HTML 4Page - Fairchild Semiconductor FDD8880_08 Datasheet HTML 5Page - Fairchild Semiconductor FDD8880_08 Datasheet HTML 6Page - Fairchild Semiconductor FDD8880_08 Datasheet HTML 7Page - Fairchild Semiconductor FDD8880_08 Datasheet HTML 8Page - Fairchild Semiconductor FDD8880_08 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
©200
8 Fairchild Semiconductor Corporation
FDD8880 Rev. B
3
Typical Characteristics T
C = 25°C unless otherwise noted
Figure 1. Normalized Power Dissipation vs Case
Temperature
Figure 2. Maximum Continuous Drain Current vs
Case Temperature
Figure 3. Normalized Maximum Transient Thermal Impedance
Figure 4. Peak Current Capability
TC, CASE TEMPERATURE (
oC)
0
0
25
50
75
100
175
0.2
0.4
0.6
0.8
1.0
1.2
125
150
0
10
20
30
40
50
60
25
50
75
100
125
150
175
TC, CASE TEMPERATURE (
oC)
CURRENT LIMITED
BY PACKAGE
VGS = 4.5V
VGS = 10V
0.1
1
10-5
10-4
10-3
10-2
10-1
100
101
0.01
2
t, RECTANGULAR PULSE DURATION (s)
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
PDM
t1
t2
0.5
0.2
0.1
0.05
0.01
0.02
DUTY CYCLE - DESCENDING ORDER
SINGLE PULSE
100
30
500
t, PULSE WIDTH (s)
10-5
10-4
10-3
10-2
10-1
100
101
TC = 25
oC
I = I25
175 - TC
150
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
VGS = 4.5V
VGS = 10V


同様の部品番号 - FDD8880_08

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDD8880 FAIRCHILD-FDD8880 Datasheet
127Kb / 11P
   N-Channel PowerTrench MOSFET
logo
VBsemi Electronics Co.,...
FDD8880 VBSEMI-FDD8880 Datasheet
1,019Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
Inchange Semiconductor ...
FDD8880 ISC-FDD8880 Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Guangdong Youtai Semico...
FDD8880 UMW-FDD8880 Datasheet
436Kb / 8P
   30V N -Channel MOSFET
More results

同様の説明 - FDD8880_08

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDP090N10 FAIRCHILD-FDP090N10 Datasheet
508Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 75A, 9m廓
FDB8445 FAIRCHILD-FDB8445_10 Datasheet
342Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 70A, 9m廓
FDB3632 FAIRCHILD-FDB3632_12 Datasheet
489Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 80A, 9m廓
FDB3632_F085 FAIRCHILD-FDB3632_F085 Datasheet
489Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 80A, 9m廓
FDB8160 FAIRCHILD-FDB8160 Datasheet
329Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 80A, 1.8m廓
FDD8896 FAIRCHILD-FDD8896_12 Datasheet
1Mb / 11P
   N-Channel PowerTrench짰 MOSFET 30V, 94A, 5.7m廓
logo
ON Semiconductor
FDS8984-F085 ONSEMI-FDS8984-F085 Datasheet
485Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 7A, 23m廓
September-2017, Rev. 1
logo
Fairchild Semiconductor
FDMS8662 FAIRCHILD-FDMS8662 Datasheet
210Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 49A, 2.0m廓
FDD8870_F085 FAIRCHILD-FDD8870_F085_13 Datasheet
319Kb / 11P
   N-Channel PowerTrench짰 MOSFET 30V, 160A, 3.9m廓
FDP8896 FAIRCHILD-FDP8896_08 Datasheet
474Kb / 10P
   N-Channel PowerTrench짰 MOSFET 30V, 92A, 5.9m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com