データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDS6676AS データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 FDS6676AS
部品情報  30V N-Channel PowerTrench짰 SyncFET?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6676AS データシート(HTML) 4 Page - Fairchild Semiconductor

  FDS6676AS_08 Datasheet HTML 1Page - Fairchild Semiconductor FDS6676AS_08 Datasheet HTML 2Page - Fairchild Semiconductor FDS6676AS_08 Datasheet HTML 3Page - Fairchild Semiconductor FDS6676AS_08 Datasheet HTML 4Page - Fairchild Semiconductor FDS6676AS_08 Datasheet HTML 5Page - Fairchild Semiconductor FDS6676AS_08 Datasheet HTML 6Page - Fairchild Semiconductor FDS6676AS_08 Datasheet HTML 7Page - Fairchild Semiconductor FDS6676AS_08 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FDS6676AS Rev
B2
Typical Characteristics
0
10
20
30
40
50
00.25
0.5
0.75
1
VDS, DRAIN-SOURCE VOLTAGE (V)
2.5V
3.5V
VGS = 10V
4.5V
3.0V
6.0V
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
0
10203040
50
ID, DRAIN CURRENT (A)
VGS = 3.0V
4.5V
3.5V
4.0V
10V
6.0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
-55
-35
-15
5
25
45
65
85
105
125
TJ, JUNCTION TEMPERATURE (
oC)
ID = 14.5A
VGS =10V
0.004
0.006
0.008
0.01
0.012
0.014
0.016
2468
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 7.3 A
TA = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
10
20
30
40
50
1
1.5
2
2.5
3
3.5
VGS, GATE TO SOURCE VOLTAGE (V)
TA = 125
oC
25
oC
-55
oC
VDS = 5V
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
oC
25
oC
-55
oC
VGS = 0V
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


同様の部品番号 - FDS6676AS_08

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS6676AS_0511 FAIRCHILD-FDS6676AS_0511 Datasheet
1Mb / 8P
   30V N-Channel PowerTrench짰 SyncFET
More results

同様の説明 - FDS6676AS_08

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS6299S FAIRCHILD-FDS6299S_07 Datasheet
603Kb / 6P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6670AS FAIRCHILD-FDS6670AS_08 Datasheet
748Kb / 7P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6688AS FAIRCHILD-FDS6688AS Datasheet
789Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6690AS FAIRCHILD-FDS6690AS_08 Datasheet
759Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDP6670AS FAIRCHILD-FDP6670AS_08 Datasheet
789Kb / 7P
   30V N-Channel PowerTrench짰 SyncFET?
FDD6680AS FAIRCHILD-FDD6680AS_08 Datasheet
332Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6676AS_0511 FAIRCHILD-FDS6676AS_0511 Datasheet
1Mb / 8P
   30V N-Channel PowerTrench짰 SyncFET
FDS8672S FAIRCHILD-FDS8672S Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 SyncFET??30V, 18A, 4.8m廓
FDMS8672AS FAIRCHILD-FDMS8672AS Datasheet
243Kb / 8P
   N-Channel PowerTrench짰 SyncFET 30V, 28A, 5.0m廓
FDMS8660AS FAIRCHILD-FDMS8660AS Datasheet
235Kb / 8P
   N-Channel PowerTrench짰 SyncFET 30V, 49A, 2.1m廓
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com