データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDS6690AS データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FDS6690AS
部品情報  30V N-Channel PowerTrench짰 SyncFET?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6690AS データシート(HTML) 3 Page - Fairchild Semiconductor

  FDS6690AS_08 Datasheet HTML 1Page - Fairchild Semiconductor FDS6690AS_08 Datasheet HTML 2Page - Fairchild Semiconductor FDS6690AS_08 Datasheet HTML 3Page - Fairchild Semiconductor FDS6690AS_08 Datasheet HTML 4Page - Fairchild Semiconductor FDS6690AS_08 Datasheet HTML 5Page - Fairchild Semiconductor FDS6690AS_08 Datasheet HTML 6Page - Fairchild Semiconductor FDS6690AS_08 Datasheet HTML 7Page - Fairchild Semiconductor FDS6690AS_08 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FDS6690AS Rev A2 (X)
Electrical Characteristics
TA = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
3.5
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = 3.5 A
(Note 2)
0.6
0.7
V
Trr
Diode Reverse Recovery Time
IF = 10A,
16
nS
Qrr
Diode Reverse Recovery Charge
diF/dt = 300 A/µs
(Note 3)
9
nC
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the
drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a) 50°/W when
mounted on a 1 in
2
pad of 2 oz copper
b) 105°/W when
mounted on a .04 in
2
pad of 2 oz copper
c) 125°/W when mounted on a
minimum pad.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%
3. See “SyncFET Schottky body diode characteristics” below.


同様の部品番号 - FDS6690AS_08

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS6690AS_NL FAIRCHILD-FDS6690AS_NL Datasheet
143Kb / 8P
   30V N-Channel PowerTrench SyncFET
More results

同様の説明 - FDS6690AS_08

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS6299S FAIRCHILD-FDS6299S_07 Datasheet
603Kb / 6P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6670AS FAIRCHILD-FDS6670AS_08 Datasheet
748Kb / 7P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6688AS FAIRCHILD-FDS6688AS Datasheet
789Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6676AS FAIRCHILD-FDS6676AS_08 Datasheet
846Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDP6670AS FAIRCHILD-FDP6670AS_08 Datasheet
789Kb / 7P
   30V N-Channel PowerTrench짰 SyncFET?
FDD6680AS FAIRCHILD-FDD6680AS_08 Datasheet
332Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6676AS_0511 FAIRCHILD-FDS6676AS_0511 Datasheet
1Mb / 8P
   30V N-Channel PowerTrench짰 SyncFET
FDS8672S FAIRCHILD-FDS8672S Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 SyncFET??30V, 18A, 4.8m廓
FDMS8672AS FAIRCHILD-FDMS8672AS Datasheet
243Kb / 8P
   N-Channel PowerTrench짰 SyncFET 30V, 28A, 5.0m廓
FDMS8660AS FAIRCHILD-FDMS8660AS Datasheet
235Kb / 8P
   N-Channel PowerTrench짰 SyncFET 30V, 49A, 2.1m廓
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com