データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL2631 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 HCPL2631
部品情報  High Speed 10MBit/s Logic Gate Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL2631 データシート(HTML) 2 Page - Fairchild Semiconductor

  HCPL2631 Datasheet HTML 1Page - Fairchild Semiconductor HCPL2631 Datasheet HTML 2Page - Fairchild Semiconductor HCPL2631 Datasheet HTML 3Page - Fairchild Semiconductor HCPL2631 Datasheet HTML 4Page - Fairchild Semiconductor HCPL2631 Datasheet HTML 5Page - Fairchild Semiconductor HCPL2631 Datasheet HTML 6Page - Fairchild Semiconductor HCPL2631 Datasheet HTML 7Page - Fairchild Semiconductor HCPL2631 Datasheet HTML 8Page - Fairchild Semiconductor HCPL2631 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N137, HCPL2601, HCPL2611, HCPL2630, HCPL2631 Rev. 1.0.7
2
Absolute Maximum Ratings (T
A = 25°C unless otherwise specified)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
*6.3mA is a guard banded value which allows for at least 20% CTR degradation. Initial input current threshold value
is 5.0mA or less.
Symbol
Parameter
Value
Units
TSTG
Storage Temperature
-55 to +125
°C
TOPR
Operating Temperature
-40 to +85
°C
TSOL
Lead Solder Temperature
260 for 10 sec
°C
EMITTER
IF
DC/Average Forward
Single Channel
50
mA
Input Current
Dual Channel (Each Channel)
30
VE
Enable Input Voltage Not to Exceed
VCC by more than 500mV
Single Channel
5.5
V
VR
Reverse Input Voltage
Each Channel
5.0
V
PI
Power Dissipation
Single Channel
100
mW
Dual Channel (Each Channel)
45
DETECTOR
VCC
(1 minute max)
Supply Voltage
7.0
V
IO
Output Current
Single Channel
50
mA
Dual Channel (Each Channel)
50
VO
Output Voltage
Each Channel
7.0
V
PO
Collector Output
Single Channel
85
mW
Power Dissipation
Dual Channel (Each Channel)
60
Symbol
Parameter
Min.
Max.
Units
IFL
Input Current, Low Level
0
250
µA
IFH
Input Current, High Level
*6.3
15
mA
VCC
Supply Voltage, Output
4.5
5.5
V
VEL
Enable Voltage, Low Level
0
0.8
V
VEH
Enable Voltage, High Level
2.0
VCC
V
TA
Low Level Supply Current
-40
+85
°C
NFan Out (TTL load)
8


同様の部品番号 - HCPL2631

メーカー部品番号データシート部品情報
logo
QT Optoelectronics
HCPL2631 QT-HCPL2631 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL2631 HP-HCPL2631 Datasheet
256Kb / 20P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL2631 HP-HCPL2631 Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
HCPL2631 HP-HCPL2631 Datasheet
252Kb / 16P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
logo
Fairchild Semiconductor
HCPL2631M FAIRCHILD-HCPL2631M Datasheet
457Kb / 13P
   High Speed 10MBit/s Logic Gate Optocouplers
More results

同様の説明 - HCPL2631

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
6N137M FAIRCHILD-6N137M Datasheet
457Kb / 13P
   High Speed 10MBit/s Logic Gate Optocouplers
logo
Guangdong Youtai Semico...
6N137 UMW-6N137 Datasheet
919Kb / 10P
   Logic Gate Optocouplers High Speed 10MBit/s
logo
CT Micro International ...
6N137 CTMICRO-6N137 Datasheet
1Mb / 16P
   10MBit/s High Speed Logic Gate Optocoupler
CT2601 CTMICRO-CT2601 Datasheet
1Mb / 16P
   10MBit/s High Speed Logic Gate Optocoupler
logo
Everlight Electronics C...
EL06XX EVERLIGHT-EL06XX Datasheet
436Kb / 14P
   8 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE
EL26XX EVERLIGHT-EL26XX Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
6N137 EVERLIGHT-6N137 Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
logo
CT Micro International ...
CTS600 CTMICRO-CTS600 Datasheet
1Mb / 13P
   SDIP-6 10Mbit/s High Speed Logic Gate Optocoupler
logo
List of Unclassifed Man...
MCL2630 ETC-MCL2630 Datasheet
252Kb / 4P
   DUAL 10MBIT/S LOGIC GATE
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com