データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FOD053LS データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FOD053LS
部品情報  LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD053LS データシート(HTML) 2 Page - Fairchild Semiconductor

  FOD053LS Datasheet HTML 1Page - Fairchild Semiconductor FOD053LS Datasheet HTML 2Page - Fairchild Semiconductor FOD053LS Datasheet HTML 3Page - Fairchild Semiconductor FOD053LS Datasheet HTML 4Page - Fairchild Semiconductor FOD053LS Datasheet HTML 5Page - Fairchild Semiconductor FOD053LS Datasheet HTML 6Page - Fairchild Semiconductor FOD053LS Datasheet HTML 7Page - Fairchild Semiconductor FOD053LS Datasheet HTML 8Page - Fairchild Semiconductor FOD053LS Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD050L, FOD250L, FOD053L Rev. 1.0.2
2
Absolute Maximum Ratings (T
A = 25°C unless otherwise specified.)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Value
Units
TSTG
Storage Temperature
-40 to +125
°C
TOPR
Operating Temperature
-40 to +85
°C
TSOL
Lead Solder Temperature (Wave solder only)
260 for 10 sec
°C
EMITTER
IF (avg)
DC/Average Forward Input Current
Each Channel
25
mA
IF (pk)
Peak Forward Input Current
(50% duty cycle, 1ms P.W.)
Each Channel
50
mA
IF (trans)
Peak Transient Input Current
(
≤1 µs P.W., 300pps)
Each Channel
1.0
A
VR
Reverse Input Voltage
Each Channel
5
V
PD
Input Power Dissipation
(No derating required up to 85°C)
Each Channel
45
mW
DETECTOR
IO (avg)
Average Output Current
Each Channel
8
mA
IO (pk)
Peak Output Current
Each Channel
16
mA
VEBR
Emitter-Base Reverse Voltage
FOD050L, FOD250L only
5
V
VCC
Supply Voltage
-0.5 to 7
V
VO
Output Voltage
-0.5 to 7
V
IB
Base Current
FOD050L, FOD250L only
5
mA
PD
Output Power Dissipation
(No derating required up to 85°C)
Each Channel
100
mW


同様の部品番号 - FOD053LS

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD053L FAIRCHILD-FOD053L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
FOD053L FAIRCHILD-FOD053L Datasheet
654Kb / 13P
   LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
More results

同様の説明 - FOD053LS

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L_06 Datasheet
654Kb / 13P
   LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
FOD260L FAIRCHILD-FOD260L Datasheet
639Kb / 14P
   LVTTL/LVCMOS 3.3V High Speed-10 MBit/s Logic Gate Optocouplers
FOD050L FAIRCHILD-FOD050L_09 Datasheet
377Kb / 13P
   FOD050L, FOD250L: Single Channel FOD053L: Dual Channel LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
logo
Broadcom Corporation.
ACPL-W60L BOARDCOM-ACPL-W60L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
ACPL-W63L BOARDCOM-ACPL-W63L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
May 11, 2017
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-270L AVAGO-HCPL-270L Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatbie Optocouplers
HCPL-070L-500E AVAGO-HCPL-070L-500E Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L-500E AVAGO-HCPL-060L-500E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
ON Semiconductor
MC100EPT622 ONSEMI-MC100EPT622_11 Datasheet
137Kb / 8P
   3.3V LVTTL/LVCMOS to LVPECL Translator
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com