データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FOD4108 データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 FOD4108
部品情報  6-Pin DIP Zero-Cross Triac Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD4108 データシート(HTML) 7 Page - Fairchild Semiconductor

Back Button FOD4108 Datasheet HTML 3Page - Fairchild Semiconductor FOD4108 Datasheet HTML 4Page - Fairchild Semiconductor FOD4108 Datasheet HTML 5Page - Fairchild Semiconductor FOD4108 Datasheet HTML 6Page - Fairchild Semiconductor FOD4108 Datasheet HTML 7Page - Fairchild Semiconductor FOD4108 Datasheet HTML 8Page - Fairchild Semiconductor FOD4108 Datasheet HTML 9Page - Fairchild Semiconductor FOD4108 Datasheet HTML 10Page - Fairchild Semiconductor FOD4108 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
©2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD410, FOD4108, FOD4116, FOD4118 Rev. 1.1.4
7
VCC
5V
300
TRIAC
IGT
R2
C
15 mA
2400
0.1
30 mA
1200
0.2
50 mA
800
0.3
NOTE: Circuit supplies 25mA drive to gate of triac
at Vin = 25V and TA < 70
°C
7400
ZL
115
Vac
180
R1
R2
C1
16
4
2
MOC3011
27
2W
2W
100
2W
dV
dt
VERNIER
MOUNT DUT ON
TEMPERATURE CONTROLLED
Cu PLATE
DIFFERENTIAL
PREAMP
f = 10 Hz
PW = 100
µs
50
Ω PULSE
GENERATOR
ALL COMPONENTS ARE NON-INDUCTIVE UNLESS SHOWN
82
2W
470pF
0.001
0.005
0.01
0.047
0.47
0.1
56
2W
1N914
20V
1000
1/4W
1N967A
18V
RFP4N100
DUT
20k
X100 PROBE
X100 PROBE
VDRM/VRRM SELECT
6
4
1
2
1000
10 WATT
WIREWOUND
0.33
1000V
POWER
1 MEG
2W EACH
1.2 MEG
2W
TEST
0-1000V
10mA
0.047
1000V
Figure 11. Circuit for Static
dV
Measurement of Power Thyristors
dt
FOD410
FOD4108
FOD4116
FOD4118


同様の部品番号 - FOD4108

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FOD4108 ONSEMI-FOD4108 Datasheet
404Kb / 13P
   6-Pin DIP High dv/dt Zero-Cross Triac Drivers
May, 2019 ??Rev. 3
More results

同様の説明 - FOD4108

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FOD410 ONSEMI-FOD410 Datasheet
404Kb / 13P
   6-Pin DIP High dv/dt Zero-Cross Triac Drivers
May, 2019 ??Rev. 3
logo
Everlight Electronics C...
EL303X EVERLIGHT-EL303X Datasheet
340Kb / 13P
   6 PIN DIP ZERO CROSS TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X_15 Datasheet
631Kb / 13P
   6 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
logo
Motorola, Inc
MOC3081 MOTOROLA-MOC3081 Datasheet
291Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
MOC3061 MOTOROLA-MOC3061 Datasheet
290Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
MOC3041 MOTOROLA-MOC3041 Datasheet
292Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
logo
Everlight Electronics C...
ELT304X EVERLIGHT-ELT304X Datasheet
788Kb / 14P
   4 PIN DIP ZERO CROSS TRIAC DRIVER
EL303X EVERLIGHT-EL303X Datasheet
1Mb / 13P
   5 PIN DIP ZERO CROSS TRIAC DRIVER
logo
Fairchild Semiconductor
FOD420 FAIRCHILD-FOD420 Datasheet
295Kb / 12P
   6-Pin DIP Triac Drivers
logo
Everlight Electronics C...
EL303X EVERLIGHT-EL303X_17 Datasheet
945Kb / 14P
   5 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com