データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FOD410S データシート(PDF) 10 Page - Fairchild Semiconductor

部品番号 FOD410S
部品情報  6-Pin DIP Zero-Cross Triac Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD410S データシート(HTML) 10 Page - Fairchild Semiconductor

Back Button FOD410S Datasheet HTML 4Page - Fairchild Semiconductor FOD410S Datasheet HTML 5Page - Fairchild Semiconductor FOD410S Datasheet HTML 6Page - Fairchild Semiconductor FOD410S Datasheet HTML 7Page - Fairchild Semiconductor FOD410S Datasheet HTML 8Page - Fairchild Semiconductor FOD410S Datasheet HTML 9Page - Fairchild Semiconductor FOD410S Datasheet HTML 10Page - Fairchild Semiconductor FOD410S Datasheet HTML 11Page - Fairchild Semiconductor FOD410S Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
©2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD410, FOD4108, FOD4116, FOD4118 Rev. 1.1.4
10
Ordering Information
Marking Information
Option
Order Entry Identifier
(example)
Description
None
FOD410
Standard Through Hole Device
S
FOD410S
Surface Mount Lead Bend
SD
FOD410SD
Surface Mount; Tape and reel
T
FOD410T
0.4" Lead Spacing
V
FOD410V
IEC60747-5-2 certification
TV
FOD410TV
IEC60747-5-2 certification, 0.4" Lead Spacing
SV
FOD410SV
IEC60747-5-2 certification, Surface Mount
SDV
FOD410SDV
IEC60747-5-2 certification, Surface Mount, Tape & Reel
FOD410
V
X YY D
1
2
6
4
3
5
Definitions
1Fairchild logo
2Device number
3
VDE mark indicates IEC60747-5-2 certified (Note: Only appears on
parts ordered with VDE option – See order entry table)
4
One digit year code, e.g., ‘7’
5Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code


同様の部品番号 - FOD410S

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FOD410S ONSEMI-FOD410S Datasheet
404Kb / 13P
   6-Pin DIP High dv/dt Zero-Cross Triac Drivers
May, 2019 ??Rev. 3
FOD410SD ONSEMI-FOD410SD Datasheet
404Kb / 13P
   6-Pin DIP High dv/dt Zero-Cross Triac Drivers
May, 2019 ??Rev. 3
FOD410SDV ONSEMI-FOD410SDV Datasheet
404Kb / 13P
   6-Pin DIP High dv/dt Zero-Cross Triac Drivers
May, 2019 ??Rev. 3
FOD410SV ONSEMI-FOD410SV Datasheet
404Kb / 13P
   6-Pin DIP High dv/dt Zero-Cross Triac Drivers
May, 2019 ??Rev. 3
More results

同様の説明 - FOD410S

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FOD410 ONSEMI-FOD410 Datasheet
404Kb / 13P
   6-Pin DIP High dv/dt Zero-Cross Triac Drivers
May, 2019 ??Rev. 3
logo
Everlight Electronics C...
EL303X EVERLIGHT-EL303X Datasheet
340Kb / 13P
   6 PIN DIP ZERO CROSS TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X_15 Datasheet
631Kb / 13P
   6 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
logo
Motorola, Inc
MOC3081 MOTOROLA-MOC3081 Datasheet
291Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
MOC3061 MOTOROLA-MOC3061 Datasheet
290Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
MOC3041 MOTOROLA-MOC3041 Datasheet
292Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
logo
Everlight Electronics C...
ELT304X EVERLIGHT-ELT304X Datasheet
788Kb / 14P
   4 PIN DIP ZERO CROSS TRIAC DRIVER
EL303X EVERLIGHT-EL303X Datasheet
1Mb / 13P
   5 PIN DIP ZERO CROSS TRIAC DRIVER
logo
Fairchild Semiconductor
FOD420 FAIRCHILD-FOD420 Datasheet
295Kb / 12P
   6-Pin DIP Triac Drivers
logo
Everlight Electronics C...
EL303X EVERLIGHT-EL303X_17 Datasheet
945Kb / 14P
   5 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com