データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FOD2741CS データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FOD2741CS
部品情報  Optically Isolated Error Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD2741CS データシート(HTML) 1 Page - Fairchild Semiconductor

  FOD2741CS Datasheet HTML 1Page - Fairchild Semiconductor FOD2741CS Datasheet HTML 2Page - Fairchild Semiconductor FOD2741CS Datasheet HTML 3Page - Fairchild Semiconductor FOD2741CS Datasheet HTML 4Page - Fairchild Semiconductor FOD2741CS Datasheet HTML 5Page - Fairchild Semiconductor FOD2741CS Datasheet HTML 6Page - Fairchild Semiconductor FOD2741CS Datasheet HTML 7Page - Fairchild Semiconductor FOD2741CS Datasheet HTML 8Page - Fairchild Semiconductor FOD2741CS Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
©2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD2741A, FOD2741B, FOD2741C Rev. 1.0.1
August 2008
FOD2741A, FOD2741B, FOD2741C
Optically Isolated Error Amplifier
Features
Optocoupler, precision reference and error amplifier in
single package
2.5V reference
CTR 100% to 200%
5,000V RMS isolation
UL approved E90700, Volume 2
CSA approval 1296837
VDE approval 40002463
BSI approval 8702, 8703
Low temperature coefficient 50ppm/°C max.
FOD2741A: tolerance 0.5%
FOD2741B: tolerance 1%
FOD2741C: tolerance 2%
Applications
Power supplies regulation
DC to DC converters
Description
The FOD2741 Optically Isolated Amplifier consists of the
popular KA431 precision programmable shunt reference
and an optocoupler. The optocoupler is a gallium ars-
enide (GaAs) light emitting diode optically coupled to a
silicon phototransistor. It comes in 3 grades of reference
voltage tolerance = 2%, 1%, and 0.5%.
The Current Transfer Ratio (CTR) ranges from 100% to
200%. It also has an outstanding temperature coefficient
of 50 ppm/°C. It is primarily intended for use as the error
amplifier/reference voltage/optocoupler function in iso-
lated AC to DC power supplies and DC/DC converters.
When using the FOD2741, power supply designers can
reduce the component count and save space in tightly
packaged designs. The tight tolerance reference elimi-
nates the need for adjustments in many applications.
The device comes in a 8-pin dip white package.
Functional Bock Diagram
Package Outlines
8
8
1
8
1
1
1
2
3
4
5
6
7
8 LED
FB
COMP
GND
NC
C
E
NC


同様の部品番号 - FOD2741CS

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD2741CSDV FAIRCHILD-FOD2741CSDV Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2741CSV FAIRCHILD-FOD2741CSV Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
More results

同様の説明 - FOD2741CS

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
   optically isolated error amplifier
FOD2741A FAIRCHILD-FOD2741A Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742BR2 FAIRCHILD-FOD2742BR2 Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
FOD2743A FAIRCHILD-FOD2743A_08 Datasheet
322Kb / 16P
   Optically Isolated Error Amplifier
FOD2742A FAIRCHILD-FOD2742A Datasheet
567Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A_04 Datasheet
165Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2712R2 FAIRCHILD-FOD2712R2 Datasheet
331Kb / 15P
   Optically Isolated Error Amplifier
FOD2712R1 FAIRCHILD-FOD2712R1 Datasheet
338Kb / 16P
   Optically Isolated Error Amplifier
logo
IXYS Corporation
LIA130 IXYS-LIA130 Datasheet
175Kb / 11P
   Optically Isolated Error Amplifier
logo
Clare, Inc.
LIA130 CLARE-LIA130 Datasheet
172Kb / 10P
   Optically Isolated Error Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com