データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FOD3180TV データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FOD3180TV
部品情報  2A Output Current, High Speed MOSFET Gate Driver Optocoupler
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD3180TV データシート(HTML) 3 Page - Fairchild Semiconductor

  FOD3180TV Datasheet HTML 1Page - Fairchild Semiconductor FOD3180TV Datasheet HTML 2Page - Fairchild Semiconductor FOD3180TV Datasheet HTML 3Page - Fairchild Semiconductor FOD3180TV Datasheet HTML 4Page - Fairchild Semiconductor FOD3180TV Datasheet HTML 5Page - Fairchild Semiconductor FOD3180TV Datasheet HTML 6Page - Fairchild Semiconductor FOD3180TV Datasheet HTML 7Page - Fairchild Semiconductor FOD3180TV Datasheet HTML 8Page - Fairchild Semiconductor FOD3180TV Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD3180 Rev. 1.0.6
3
Electrical-Optical Characteristics (DC)
Over recommended operating conditions unless otherwise specified.
*Typical values at TA = 25°C
Symbol
Parameter
Test Conditions
Min.
Typ.*
Max.
Unit
IOH
High Level Output Current(2)(3)
VOH = (VCC – VEE – 1V)
0.5
A
VOH = (VCC – VEE – 3V)
2.0
IOL
Low Level Output Current(2)(3)
VOL = (VCC – VEE – 1V)
0.5
A
VOL = (VCC – VEE – 3V)
2.0
VOH
High Level Output Voltage(6)(7)
IO = -100mA
VCC – 0.5
V
VOL
Low Level Output Voltage(6)(7)
IO = 100mA
VEE + 0.5
V
ICCH
High Level Supply Current
Output Open,
IF = 10 to 16mA
4.8
6.0
mA
ICCL
Low Level Supply Current
Output Open,
VF = -3.0 to 0.8V
5.0
6.0
mA
IFLH
Threshold Input Current Low to
High
IO = 0mA, VO > 5V
8.0
mA
VFHL
Threshold Input Voltage High to Low IO = 0mA, VO < 5V
0.8
V
VF
Input Forward Voltage
IF = 10mA
1.2
1.43
1.8
V
∆V
F /TA
Temperature Coefficient of Forward
Voltage
IF = 10mA
-1.5
mV/°C
VUVLO+
UVLO Threshold
VO > 5V, IF = 10mA
8.3
V
VUVLO–
VO < 5V, IF = 10mA
7.7
V
UVLOHYST UVLO Hysteresis
0.6
V
BVR
Input Reverse Breakdown Voltage
IR = 10µA
5
V
CIN
Input Capacitance
f = 1MHz, VF = 0V
60
pF


同様の部品番号 - FOD3180TV

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD3180TV FAIRCHILD-FOD3180TV Datasheet
747Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
logo
ON Semiconductor
FOD3180TV ONSEMI-FOD3180TV Datasheet
393Kb / 14P
   2 A Output Current, High Speed MOSFET Gate Driver Optocoupler
April, 2023 - Rev. 2
More results

同様の説明 - FOD3180TV

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD3180 FAIRCHILD-FOD3180 Datasheet
747Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3182 FAIRCHILD-FOD3182 Datasheet
654Kb / 23P
   3A Output Current, High Speed MOSFET Gate Driver Optocoupler
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
ON Semiconductor
FOD3182 ONSEMI-FOD3182 Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
logo
Fairchild Semiconductor
FOD3184S FAIRCHILD-FOD3184S Datasheet
746Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
ON Semiconductor
FOD3180 ONSEMI-FOD3180 Datasheet
393Kb / 14P
   2 A Output Current, High Speed MOSFET Gate Driver Optocoupler
April, 2023 - Rev. 2
logo
Fairchild Semiconductor
FOD3181 FAIRCHILD-FOD3181 Datasheet
745Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
FOD3181 FAIRCHILD-FOD3181_08 Datasheet
292Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
logo
Clare, Inc.
IX3120 CLARE-IX3120 Datasheet
1Mb / 11P
   2.5A Output Current Gate Driver Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL3180 HP-HCPL3180 Datasheet
466Kb / 19P
   Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com