データシートサーチシステム |
|
FOD2743BTV データシート(PDF) 8 Page - Fairchild Semiconductor |
|
FOD2743BTV データシート(HTML) 8 Page - Fairchild Semiconductor |
8 / 16 page ©2004 Fairchild Semiconductor Corporation www.fairchildsemi.com FOD2743A, FOD2743B, FOD2743C Rev. 1.0.1 8 Typical Performance Curves Fig. 10 – Reference Voltage Variation vs. Ambient Temperature TA = 25°C VCOMP = VFB TA – AMBIENT TEMPERATURE (°C) TA – AMBIENT TEMPERATURE (°C) Fig. 9a – LED Current vs. Cathode Voltage -15 -10 -5 0 5 10 15 -1 0 1 2 VCOMP – CATHODE VOLTAGE (V) 3 Fig. 9b – LED Current vs. Cathode Voltage Fig. 11 – Reference Current vs Ambient Temperature -1.0 -0.5 0.0 0.5 1.0 –1 0 1 2 VCOMP – CATHODE VOLTAGE (V) 3 TA = 25°C VCOMP = VFB TA – AMBIENT TEMPERATURE (°C) -40 -20 0 20 40 60 80 100 1 10 100 Fig. 12 – Off–State Current vs. Ambient Temperature VCC = 37V VF – FORWARD VOLTAGE (V) 5 0.9 1.0 1.1 1.2 70 °C 25 °C 0 °C 1.3 1.4 10 15 20 Fig. 13 – Forward Current vs. Forward Voltage -40 -20 0 20 40 60 80 100 -40 -20 0 20 40 60 80 100 1.0 1.5 2.0 2.5 3.0 3.5 4.0 ILED = 1mA, 10mA R1 = 10k Ω -1.0 -0.8 -0.6 -0.4 -0.2 0.0 0.2 0.4 0.6 0.8 1.0 ILED = 1mA, 10mA Normalized to TA = 25°C |
同様の部品番号 - FOD2743BTV |
|
同様の説明 - FOD2743BTV |