データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FOD4118SV データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 FOD4118SV
部品情報  6-Pin DIP Zero-Cross Triac Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD4118SV データシート(HTML) 5 Page - Fairchild Semiconductor

  FOD4118SV Datasheet HTML 1Page - Fairchild Semiconductor FOD4118SV Datasheet HTML 2Page - Fairchild Semiconductor FOD4118SV Datasheet HTML 3Page - Fairchild Semiconductor FOD4118SV Datasheet HTML 4Page - Fairchild Semiconductor FOD4118SV Datasheet HTML 5Page - Fairchild Semiconductor FOD4118SV Datasheet HTML 6Page - Fairchild Semiconductor FOD4118SV Datasheet HTML 7Page - Fairchild Semiconductor FOD4118SV Datasheet HTML 8Page - Fairchild Semiconductor FOD4118SV Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
©2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD410, FOD4108, FOD4116, FOD4118 Rev. 1.1.4
5
Typical Performance Curves
-40
-60
-20
0
20
40
60
80
100
0.6
0.8
1.0
1.2
1.4
1.6
VAK = 5.0V
Normalized to TA = 25°C
IF – FORWARD CURRENT (mA)
0.1
1
10
100
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Figure 2. Forward Voltage (VF) vs. Forward Current (IF)
Figure 4. Peak LED Current vs. Duty Factor, Tau
TA – AMBIENT TEMPERATURE (°C)
Figure 3. Normalized LED Trigger Current (IFT)
vs. Ambient Temperature (TA)
-55°C
25°C
85°C
110
100
1
10
100
10-6
10-5
10-4
10-3
10-2
10-1
100
101
10000
1000
100
10
200
0
400
600
800
1000
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
0123456
1
10
100
1000
t – LED PULSE DURATION (s)
Figure 6. Pulse Trigger Current
PW – PULSE WIDTH (µs)
Figure 7. On-State Voltage (VTM) vs. On-State Current (ITM)
VTM – ON-STATE VOLTAGE (V)
Figure 5. Trigger Delay Time
IFT/IF – NORMALIZED IF (mA)
0.5
0.2
0.1
0.05
0.02
0.01
0.005
Duty Factor
t
DF =
τ
τ
t
tD = t(IF/IFT 25°C)
VD = 400VP-P
F = 60Hz
VL = 250VP-P
F = 60Hz
Normalized to DC
TA = 100°C
TA = 25°C


同様の部品番号 - FOD4118SV

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FOD4118 ONSEMI-FOD4118 Datasheet
404Kb / 13P
   6-Pin DIP High dv/dt Zero-Cross Triac Drivers
May, 2019 ??Rev. 3
More results

同様の説明 - FOD4118SV

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FOD410 ONSEMI-FOD410 Datasheet
404Kb / 13P
   6-Pin DIP High dv/dt Zero-Cross Triac Drivers
May, 2019 ??Rev. 3
logo
Everlight Electronics C...
EL303X EVERLIGHT-EL303X Datasheet
340Kb / 13P
   6 PIN DIP ZERO CROSS TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X_15 Datasheet
631Kb / 13P
   6 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
logo
Motorola, Inc
MOC3081 MOTOROLA-MOC3081 Datasheet
291Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
MOC3061 MOTOROLA-MOC3061 Datasheet
290Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
MOC3041 MOTOROLA-MOC3041 Datasheet
292Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
logo
Everlight Electronics C...
ELT304X EVERLIGHT-ELT304X Datasheet
788Kb / 14P
   4 PIN DIP ZERO CROSS TRIAC DRIVER
EL303X EVERLIGHT-EL303X Datasheet
1Mb / 13P
   5 PIN DIP ZERO CROSS TRIAC DRIVER
logo
Fairchild Semiconductor
FOD420 FAIRCHILD-FOD420 Datasheet
295Kb / 12P
   6-Pin DIP Triac Drivers
logo
Everlight Electronics C...
EL303X EVERLIGHT-EL303X_17 Datasheet
945Kb / 14P
   5 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com