データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FOD250LV データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 FOD250LV
部品情報  LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD250LV データシート(HTML) 7 Page - Fairchild Semiconductor

Back Button FOD250LV Datasheet HTML 3Page - Fairchild Semiconductor FOD250LV Datasheet HTML 4Page - Fairchild Semiconductor FOD250LV Datasheet HTML 5Page - Fairchild Semiconductor FOD250LV Datasheet HTML 6Page - Fairchild Semiconductor FOD250LV Datasheet HTML 7Page - Fairchild Semiconductor FOD250LV Datasheet HTML 8Page - Fairchild Semiconductor FOD250LV Datasheet HTML 9Page - Fairchild Semiconductor FOD250LV Datasheet HTML 10Page - Fairchild Semiconductor FOD250LV Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD050L, FOD250L, FOD053L Rev. 1.0.2
7
Test Circuits
Pulse Gen
CM
V
V
FF
B
A
+-
+3.3 V
O
V
-
I
F
3
4
+
F
V
-
2
1
Shield
Noise
6
O
5
GND
7
8
V
B
V
CC
V
L
R
PLH
OL
V
VO
0
3.3 V
50%
50%
F
I
T
PHL
T
Switch at A : I = 0 mA
F
Switch at A : I = 16 mA
F
tr
VO
O
V
OL
V
3.3 V
0 V
10%
10%
90%
CM
V
1000 V
4
5
Noise
1
2
3
Shield
8
7
6
+3.3 V
O
V
VCC
V01
V02
GND
VF1
-
+
F2
V
-
F
I
+
10% DUTY CYCLE
I/f < 100
µS
F
I
MONITOR
L
R
C = 1.5 pF
L
Pulse
Generator
tr = 5ns
Z = 50
O
GND
+
4
5
1
3
2
-
F2
V
VF1
-
Shield
Noise
+3.3 V
CC
8
V
L
V
6
02
V
7
R
01
VO
V
CM
A
B
Pulse Gen
F
I
+-
+
3
I Monitor
F
4
I/f < 100
µs
10% D.C.
tr = 5ns
Generator
Pulse
Z = 50
O
+
V
F
I
F
-
2
1
Shield
Noise
V
O
O
6
5
GND
7
8
V
B
V
L
R
CC
V
+3.3 V
0.1
µF
L
C = 1.5 pF
0.1
µF
Test Circuit for FOD050L and FOD250L
Test Circuit for FOD053L
Test Circuit for FOD050L and FOD250L
Test Circuit for FOD053L
f
t
0.1
µF
0.1
µF
FF
V
m
R
m
R
90%
Fig. 11 Common Mode Immunity Test Circuit
Fig. 10 Switching Time Test Circuit


同様の部品番号 - FOD250LV

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD250L FAIRCHILD-FOD250L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
FOD250L FAIRCHILD-FOD250L Datasheet
654Kb / 13P
   LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
FOD250LS FAIRCHILD-FOD250LS Datasheet
654Kb / 13P
   LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
FOD250LSD FAIRCHILD-FOD250LSD Datasheet
654Kb / 13P
   LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
FOD250LT FAIRCHILD-FOD250LT Datasheet
654Kb / 13P
   LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
More results

同様の説明 - FOD250LV

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L_06 Datasheet
654Kb / 13P
   LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
FOD260L FAIRCHILD-FOD260L Datasheet
639Kb / 14P
   LVTTL/LVCMOS 3.3V High Speed-10 MBit/s Logic Gate Optocouplers
FOD050L FAIRCHILD-FOD050L_09 Datasheet
377Kb / 13P
   FOD050L, FOD250L: Single Channel FOD053L: Dual Channel LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
logo
Broadcom Corporation.
ACPL-W60L BOARDCOM-ACPL-W60L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
ACPL-W63L BOARDCOM-ACPL-W63L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
May 11, 2017
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-270L AVAGO-HCPL-270L Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatbie Optocouplers
HCPL-070L-500E AVAGO-HCPL-070L-500E Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L-500E AVAGO-HCPL-060L-500E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
ON Semiconductor
MC100EPT622 ONSEMI-MC100EPT622_11 Datasheet
137Kb / 8P
   3.3V LVTTL/LVCMOS to LVPECL Translator
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com