データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

QVE00033 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 QVE00033
部品情報  Phototransistor Optical Surface Mount Interrupter Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QVE00033 データシート(HTML) 2 Page - Fairchild Semiconductor

  QVE00033 Datasheet HTML 1Page - Fairchild Semiconductor QVE00033 Datasheet HTML 2Page - Fairchild Semiconductor QVE00033 Datasheet HTML 3Page - Fairchild Semiconductor QVE00033 Datasheet HTML 4Page - Fairchild Semiconductor QVE00033 Datasheet HTML 5Page - Fairchild Semiconductor QVE00033 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
QVE00033 Rev. 1.1.0
2
Absolute Maximum Ratings (T
A = 25°C unless otherwise specified)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Notes:
1. Derate power dissipation linearly 1.00mW/°C above 25°C.
2. RMA flux is recommended.
3. Methanol or isopropyl alcohols are recommended as cleaning agents.
4. Soldering iron tip 1/16" (1.6mm) from housing.
Electrical/Optical Characteristics (T
A = 25°C unless otherwise specified)
Symbol
Parameter
Rating
Units
TOPR
Operating Temperature
-55 to +100
°C
TSTG
Storage Temperature
-55 to +100
°C
TSOL-I
Soldering Temperature (Iron)(2,3,4)
240 for 5 sec.
°C
TSOL-F
Soldering Temperature (Flow)(2,3)
260 for 10 sec.
°C
PTOT
Total Power Dissipation
100
mW
EMITTER
IF
Continuous Forward Current
50
mA
VR
Reverse Voltage
6
V
PD
Power Dissipation(1)
75
mW
SENSOR
VCEO
Collector-Emitter Voltage
30
V
VECO
Emitter-Collector Voltage
4.5
V
IC
Collector Current
20
mA
PD
Power Dissipation(1)
75
mW
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
EMITTER
VF
Forward Voltage
IF = 20mA
1.2
1.4
V
IR
Reverse Current
VR = 4V
10
µA
lPE
Peak Emission Wavelength
IF = 20mA
940
nm
SENSOR
ICEO
Dark Current
VCE = 20V, IF = 0mA
100
nA
COUPLED
IC(ON)
Collector Current
IF = 5mA, VCE = 5V
100
600
µA
VCE (SAT)
Collector Emitter
IF = 10mA, IC = 40µA
0.4
V
tr
Rise Time
VCC = 5V, RL = 1000Ω,
IC = 100µA
7
150
µs
tf
Fall Time
7
150
µs


同様の部品番号 - QVE00033

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
QVE00033 FAIRCHILD-QVE00033 Datasheet
489Kb / 6P
   PHOTOTRANSISTOR OPTICAL SURFACE MOUNT INTERRUPTER SWITCH
QVE00033 FAIRCHILD-QVE00033 Datasheet
95Kb / 6P
   Phototransistor Optical Surface Mount Interrupter Switch
QVE00033 FAIRCHILD-QVE00033_05 Datasheet
95Kb / 6P
   Phototransistor Optical Surface Mount Interrupter Switch
More results

同様の説明 - QVE00033

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
QVE00033 FAIRCHILD-QVE00033 Datasheet
489Kb / 6P
   PHOTOTRANSISTOR OPTICAL SURFACE MOUNT INTERRUPTER SWITCH
QVE00033 FAIRCHILD-QVE00033_05 Datasheet
95Kb / 6P
   Phototransistor Optical Surface Mount Interrupter Switch
H21A4 FAIRCHILD-H21A4 Datasheet
101Kb / 4P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
QCK5 FAIRCHILD-QCK5 Datasheet
274Kb / 5P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
H21A1 FAIRCHILD-H21A1 Datasheet
104Kb / 5P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
QVE00832 FAIRCHILD-QVE00832 Datasheet
72Kb / 4P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
QVE00034 FAIRCHILD-QVE00034 Datasheet
480Kb / 5P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
QVE00039 FAIRCHILD-QVE00039 Datasheet
116Kb / 4P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
MOC70P1 FAIRCHILD-MOC70P1 Datasheet
80Kb / 5P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
H22B1 FAIRCHILD-H22B1 Datasheet
361Kb / 6P
   PHOTODARLINGTON OPTICAL INTERRUPTER SWITCH
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com