データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN5078D3 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FAN5078D3
部品情報  Complete ACPI Compliant Power Solution for DDR3 Memory System
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5078D3 データシート(HTML) 1 Page - Fairchild Semiconductor

  FAN5078D3 Datasheet HTML 1Page - Fairchild Semiconductor FAN5078D3 Datasheet HTML 2Page - Fairchild Semiconductor FAN5078D3 Datasheet HTML 3Page - Fairchild Semiconductor FAN5078D3 Datasheet HTML 4Page - Fairchild Semiconductor FAN5078D3 Datasheet HTML 5Page - Fairchild Semiconductor FAN5078D3 Datasheet HTML 6Page - Fairchild Semiconductor FAN5078D3 Datasheet HTML 7Page - Fairchild Semiconductor FAN5078D3 Datasheet HTML 8Page - Fairchild Semiconductor FAN5078D3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
February 2008
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5078D3 • Rev. 1.0.0
FAN5078D3 — Complete ACPI Compliant Power Solution for
DDR3 Memory System
Features
PWM regulator for VDDQ
Linear LDO regulator generates VTT = VDDQ/2,
1.5A peak sink/source capability
AMT / M-state support
Control to generate 5V USB
ACPI drive and control for 5V DUAL generation
3.3V internal LDO for 3V-ALW generation
300kHz fixed-frequency switching
RDS(ON) current sensing or optional current-sense resistor
for precision over-current detect
Internal synchronous boot diode
Common Power-Good signal for all voltages
Input under-voltage lockout (UVLO)
Thermal shutdown
Latched multi-fault protection
Precision reference output for ULDO controllers
24-pin 5x5mm MLP package
Applications
DDR VDDQ and VTT voltage generation with ACPI
support for DDR3
Memory Power Solutions for Desktop PCs
Memory Power Solutions for Servers
Description
The FAN5078D3 DDR memory regulator combines a high-
efficiency Pulse-Width Modulated (PWM) controller to
generate the memory supply voltage, VDDQ, and a linear
regulator to generate termination voltage (VTT).
FAN5078D3 can be configured to provide VDDQ and VTT
power
requirements
for
DDR3
version.
For
power
requirements of DDR1 and DDR2 memory systems, refer to
FAN5078.
Synchronous rectification provides high efficiency over a
wide range of load currents. Efficiency is further enhanced
by using the low-side MOSFET’s RDS(ON) to sense current.
The VDDQ PWM regulator is a sampled, current-mode
control with external compensation to achieve fast load-
transient response and provide system design optimization.
The VTT regulator derives its reference and takes its
power from the VDDQ PWM regulator output. The VTT
termination regulator is capable of sourcing or sinking up to
1.5A peak currents.
In S5 M1 mode, the VDDQ switcher, VTT regulator, and the
3.3V regulators remain on. S3 mode keeps these regulators
on and turns on an external P-channel to provide 5V USB.
A single soft-start capacitor enables controlled slew rates for
both VDDQ and 3.3V-ALW outputs.
PGOOD becomes true in S0 only after all regulators have
achieved stable outputs.
In S5 (EN = 0), the 3.3V internal LDO stays on while the
other regulators are powered down.
Related Resources
Application Note AN-6005: Synchronous Buck MOSFET
Loss Calculations with Excel Model
Application Note AN-6006: FAN5068/FAN5078D3
Components Calculations and Simulation Tools
Ordering Information
Part Number
Temperature Range
Package
Packing
FAN5078D3MPX
-10°C to +85°C
24-Lead, 5x5mm, Molded Leadless Package (MLP)
Tape and Reel
All packages are lead free per JEDEC: J-STD-020B standard.


同様の部品番号 - FAN5078D3

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5078 FAIRCHILD-FAN5078 Datasheet
338Kb / 16P
   DDR/ACPI Regulator Combo
FAN5078MPX FAIRCHILD-FAN5078MPX Datasheet
338Kb / 16P
   DDR/ACPI Regulator Combo
More results

同様の説明 - FAN5078D3

メーカー部品番号データシート部品情報
logo
uPI Group Inc.
UP1566 UPI-UP1566 Datasheet
208Kb / 14P
   Complete DDR3/ DDR4 Memory Power Solution Controller
UP1740S UPI-UP1740S Datasheet
245Kb / 14P
   Complete DDR3/ DDR4 Memory Power Solution Converter
UP1565 UPI-UP1565 Datasheet
241Kb / 15P
   Complete DDR3/ DDR4 Memory Power Solution Controller
logo
Maxim Integrated Produc...
MAX17000A MAXIM-MAX17000A_13 Datasheet
755Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 3; 4/13
MAX17000 MAXIM-MAX17000_11 Datasheet
757Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 2/11
MAX17000A MAXIM-MAX17000A_10 Datasheet
804Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 2; 11/10
MAX17000A MAXIM-MAX17000A Datasheet
750Kb / 31P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 0; 10/08
MAX17000 MAXIM-MAX17000_13 Datasheet
802Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 2; 4/13
MAX17000A MAXIM-MAX17000A_08 Datasheet
691Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 12/08
logo
Texas Instruments
TPS51916 TI1-TPS51916_12 Datasheet
975Kb / 34P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com