データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN5099EMTCX データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FAN5099EMTCX
部品情報  Wide Frequency Synchronous Buck PW & LDO Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5099EMTCX データシート(HTML) 3 Page - Fairchild Semiconductor

  FAN5099EMTCX Datasheet HTML 1Page - Fairchild Semiconductor FAN5099EMTCX Datasheet HTML 2Page - Fairchild Semiconductor FAN5099EMTCX Datasheet HTML 3Page - Fairchild Semiconductor FAN5099EMTCX Datasheet HTML 4Page - Fairchild Semiconductor FAN5099EMTCX Datasheet HTML 5Page - Fairchild Semiconductor FAN5099EMTCX Datasheet HTML 6Page - Fairchild Semiconductor FAN5099EMTCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5099EMTCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5099EMTCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5099 Rev. 1.1.5
3
Pin Configuration
Figure 2. Pin Assignment
Pin Description
Pin No. Pin Name
Pin Description
1FBLDO
LDO Feedback. This node is regulated to VREF.
2R(T)
Oscillator Set Resistor. This pin provides oscillator switching frequency adjustment. By plac-
ing a resistor (RT) from this pin to GND, the nominal 50kHz switching frequency is increased.
3ILIM
Current Limit. A resistor from this pin to GND sets the current limit.
4
SS
Soft-Start. A capacitor from this pin to GND programs the slew rate of the converter and the
LDO during initialization. It also sets the time by which the converter delays when restarting
after a fault occurs. SS has to reach 1.2V before fault shutdown feature is enabled. The LDO
is enabled when SS reaches 2.2V.
5COMP
COMP. The output of the error amplifier drives this pin.
6FB
Feedback. This pin is the inverting input of the internal error amplifier. Use this pin, in combi-
nation with the COMP pin, to compensate the feedback loop of the converter.
7EN
Enable. Enables operation when pulled to logic high. Toggling EN resets the regulator after a
latched fault condition. This is a CMOS input whose state is indeterminate if left open and
needs to be properly biased at all times.
8AGND
Analog Ground. The signal ground for the IC. All internal control voltages are referred to this
pin. Tie this pin to the ground island/plane through the lowest impedance connection available.
9SW
Switching Node. Return for the high-side MOSFET driver and a current sense input. Connect
to source of high-side MOSFET and drain of low-side MOSFET.
10
HDRV
High-Side Gate Drive Output. Connect to the gate of the high-side power MOSFETs. This
pin is also monitored by the adaptive shoot-through protection circuitry to determine when the
high-side MOSFET is turned off.
11
BOOT
Bootstrap Supply Input. Provides a boosted voltage to the high-side MOSFET driver.
Connect to bootstrap capacitor as shown in Figure 1.
12
PGND
Power Ground. The return for the low-side MOSFET driver. Connect to source of low-side
MOSFET.
13
LDRV
Low-Side Gate Drive Output. Connect to the gate of the low-side power MOSFETs. This pin
is also monitored by the adaptive shoot-through protection circuitry to determine when the
lower MOSFET is turned off.
14
R(RAMP)
Ramp Resistor. A resistor from this pin to VIN sets the ramp amplitude and provides voltage
feed-forward.
15
VCC
VCC. Provides bias power to the IC and the drive voltage for LDRV. Bypass with a ceramic
capacitor as close to this pin as possible. This pin has a shunt regulator which draws current
when the input voltage is above 5.6V.
16
GLDO
Gate Drive for the LDO. Turned off (low) until SS is greater than 2.2V.


同様の部品番号 - FAN5099EMTCX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5099EMTCX FAIRCHILD-FAN5099EMTCX Datasheet
1,018Kb / 24P
   Wide Frequency Synchronous Buck PWM AND LDO Controller
More results

同様の説明 - FAN5099EMTCX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5099 FAIRCHILD-FAN5099 Datasheet
1,018Kb / 24P
   Wide Frequency Synchronous Buck PWM AND LDO Controller
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
LM5116 TI1-LM5116_14 Datasheet
1Mb / 37P
[Old version datasheet]   Wide Range Synchronous Buck Controller
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
logo
National Semiconductor ...
LM25116 NSC-LM25116 Datasheet
609Kb / 26P
   Wide Range Synchronous Buck Controller
logo
Texas Instruments
LM5116 TI-LM5116_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Range Synchronous Buck Controller
LM5116-HT TI-LM5116-HT_15 Datasheet
578Kb / 35P
[Old version datasheet]   WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com