データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN6300SZ データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FAN6300SZ
部品情報  Highly Integrated Quasi-Resonant Current Mode PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6300SZ データシート(HTML) 1 Page - Fairchild Semiconductor

  FAN6300SZ Datasheet HTML 1Page - Fairchild Semiconductor FAN6300SZ Datasheet HTML 2Page - Fairchild Semiconductor FAN6300SZ Datasheet HTML 3Page - Fairchild Semiconductor FAN6300SZ Datasheet HTML 4Page - Fairchild Semiconductor FAN6300SZ Datasheet HTML 5Page - Fairchild Semiconductor FAN6300SZ Datasheet HTML 6Page - Fairchild Semiconductor FAN6300SZ Datasheet HTML 7Page - Fairchild Semiconductor FAN6300SZ Datasheet HTML 8Page - Fairchild Semiconductor FAN6300SZ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
June 2008
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6300 • Rev. 1.0.1
FAN6300
Highly Integrated Quasi-Resonant Current Mode
PWM Controller
Features
High-Voltage Startup
Quasi-Resonant Operation
Cycle-by-Cycle Current Limiting
Peak-Current-Mode Control
Leading-Edge Blanking
Internal Minimum tOFF
Internal 2ms Soft-Start
Over-Power Compensation
GATE Output Maximum Voltage
Auto-Recovery Short-Circuit Protection (FB Pin)
Auto-Recovery Open-Loop Protection (FB Pin)
VDD Pin & Output Voltage (DET Pin) OVP Latched
Applications
AC/DC NB Adapters
Open-Frame SMPS
Description
The highly integrated FAN6300 PWM controller
provides several features to enhance the performance
of flyback converters. A built-in HV startup circuit can
provide more startup current to reduce the startup time
of the controller. Once the VDD voltage exceeds the
turn-on threshold voltage, the HV startup function is
disabled immediately to improve power consumption.
An internal valley voltage detector ensures the power
system operates at Quasi-Resonant operation in wide-
range line voltage and any load conditions and reduces
switching loss to minimize switching voltage on drain of
power MOSFET.
To minimize standby power consumption and light-load
efficiency, a proprietary green-mode function provides
off-time modulation to decrease switching frequency
and perform extended valley voltage switching to keep
to a minimum switching voltage.
FAN6300 controller also provides many protection
functions. Pulse-by-pulse current limiting ensures the
fixed peak current limit level, even when a short circuit
occurs. Once an open-circuit failure occurs in the
feedback loop, the internal protection circuit disables
PWM output immediately. As long as VDD drops below
the turn-off threshold voltage, controller also disables
PWM output. The gate output is clamped at 18V to
protect the power MOS from high gate-source voltage
conditions. The minimum tOFF time limit prevents the
system frequency from being too high. If the DET pin
reaches OVP, internal OTP is triggered, and the power
system enters latch-mode until AC power is removed.
FAN6300 controller is available in both 8-pin DIP and
SOP packages.
Ordering Information
Part
Number
Operating
Temperature Range
Eco Status
Package
Packing
Method
FAN6300DZ
-40 to +105°C
RoHS
8-Lead, Dual Inline Package (DIP)
Tube
FAN6300SZ
-40 to +105°C
RoHS
8-Lead, Small Outline Package (SOP) Reel & Tape
For Fairchild’s definition of “green” Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.


同様の部品番号 - FAN6300SZ

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN6300SY FAIRCHILD-FAN6300SY Datasheet
555Kb / 14P
   High-Voltage Startup, Quasi-Resonant Operation
More results

同様の説明 - FAN6300SZ

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FAN6300A ONSEMI-FAN6300A Datasheet
789Kb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
January 2014 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN6300A FAIRCHILD-FAN6300A Datasheet
1Mb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
AN-6300 FAIRCHILD-AN-6300 Datasheet
565Kb / 13P
   Highly Integrated Quasi-Resonant PWM Controller
logo
Holtek Semiconductor In...
HT7L5820 HOLTEK-HT7L5820 Datasheet
2Mb / 14P
   Integrated PFC and Quasi-Resonant Current Mode PWM Controller
logo
Fairchild Semiconductor
FAN6921ML FAIRCHILD-FAN6921ML Datasheet
1Mb / 23P
   Integrated Critical Mode PFC/Quasi-Resonant Current Mode PWM Controller
AN-6921 FAIRCHILD-AN-6921 Datasheet
618Kb / 16P
   Integrated Critical Mode PFC / Quasi-Resonant Current Mode PWM Controller
logo
ON Semiconductor
FAN6921BMR ONSEMI-FAN6921BMR Datasheet
719Kb / 20P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
August, 2020 ??Rev. 0
logo
Fairchild Semiconductor
FAN6921MR FAIRCHILD-FAN6921MR Datasheet
1Mb / 24P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
FAN6920MR FAIRCHILD-FAN6920MR Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant Current-Mode PWM Controller
AN-6920MR FAIRCHILD-AN-6920MR Datasheet
683Kb / 17P
   Integrated Critical-Mode PFC / Quasi-Resonant Current-Mode PWM Controller FAN6920
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com