データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FOD0738R2 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FOD0738R2
部品情報  Single/Dual Channel CMOS Optocoupler
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD0738R2 データシート(HTML) 2 Page - Fairchild Semiconductor

  FOD0738R2 Datasheet HTML 1Page - Fairchild Semiconductor FOD0738R2 Datasheet HTML 2Page - Fairchild Semiconductor FOD0738R2 Datasheet HTML 3Page - Fairchild Semiconductor FOD0738R2 Datasheet HTML 4Page - Fairchild Semiconductor FOD0738R2 Datasheet HTML 5Page - Fairchild Semiconductor FOD0738R2 Datasheet HTML 6Page - Fairchild Semiconductor FOD0738R2 Datasheet HTML 7Page - Fairchild Semiconductor FOD0738R2 Datasheet HTML 8Page - Fairchild Semiconductor FOD0738R2 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
www.fairchildsemi.com
FOD0708/FOD0738 Rev. 1.0.7
Absolute Maximum Ratings TA = 25°C unless otherwise noted
Recommended Operating Conditions
Electrical Characteristics (TA = –40°C to +100°C) and 4.5 V ≤ VDD ≤ 5.5 V
*All typicals at TA = 25°C and VDD = 5V unless otherwise noted.
Symbol
Parameter
Min.
Max.
Units
TS
Storage Temperature
–40
+125
°C
TA
Ambient Operating Temperature
–40
+100
°C
VDD
Supply Voltages
0
6
Volts
VO
Output Voltage
–0.5
VDD + 0.5
Volts
IO
Average Output Current
2
mA
IF
Average Forward Input Current
20
mA
Lead Solder Temperature
260°C for 10 sec., 1.6 mm below seating plane
Solder Reflow Temperature Profile
See Solder Reflow Temperature Profile Section
LED Power Dissipation
Single Channel
Dual Channel
40 mW (derate above 95°C, 1.4 mW/°C)
40 mW per channel (derate above 90°C, 1.2 mW/°C)
Detector Power Dissipation
Single Channel
Dual Channel
85 mW (derate above 75°C, 1.8 mW/°C)
65 mW per channel (derate above 90°C, 2.0 mW/°C)
Symbol
Parameter
Min.
Max.
Units
TA
Ambient Operating Temperature
–40
+100
°C
VDD
Supply Voltages
4.5
5.5
Volts
IF
Input Current (ON)
10
16
mA
Symbol
Parameter
Test
Conditions
Min. Typ.* Max. Units Fig.
VF
Input Forward Voltage
IF = 12 mA
1.3
1.45
1.8
V
9
BVR
Input Reverse Breakdown Voltage
IR = 10 µA
5
V
VOH
Logic High Output Voltage
IF = 0, IO = –20 µA
4.0
5.0
V
VOL
Logic Low Output Voltage
IF = 12 mA,
IO = 20 µA
0.01
0.1
V
ITH
Input Threshold Current
(FOD0708)
(FOD0738)
IOL = 20 µA
4.0
4.4
8.2
8.2
mA
1,5
IDDL
Logic Low Output Supply Current
(FOD0708)
(FOD0738)
IF = 12 mA
3.4
6.9
14.0
18.0
mA
3,7
IDDH
Logic High Output Supply Current
(FOD0708)
(FOD0738)
IF = 0
3.7
7.5
11.0
15.0
mA
4,8


同様の部品番号 - FOD0738R2

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD0738 FAIRCHILD-FOD0738 Datasheet
545Kb / 11P
   Optocouplers consist of an AlGaAs LED optically coupled to a high speed trans-impedance amplifier and voltage comparator
More results

同様の説明 - FOD0738R2

メーカー部品番号データシート部品情報
logo
Broadcom Corporation.
ACPL-071L BOARDCOM-ACPL-071L Datasheet
600Kb / 11P
   Single-Channel and Dual-Channel High-Speed 15-MBd CMOS Optocoupler
logo
Vishay Siliconix
TCET1200 VISHAY-TCET1200 Datasheet
273Kb / 10P
   Optocoupler, Phototransistor Output (Single, Dual Channel)
Rev. 1.5, 26-Oct-04
logo
Fairchild Semiconductor
MOCD207R2M FAIRCHILD-MOCD207R2M Datasheet
2Mb / 9P
   Dual Channel Optocoupler
logo
Solid State Optronic
SDT800-F8 SSOUSA-SDT800-F8 Datasheet
223Kb / 8P
   Dual Channel Optocoupler
logo
Vishay Siliconix
IL74 VISHAY-IL74 Datasheet
191Kb / 9P
   Optocoupler, Phototransistor Output(Single, Dual, Quad Channel)
Rev. 1.6, 09-Jan-08
IL30 VISHAY-IL30_V02 Datasheet
259Kb / 11P
   Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
01-Jan-2023
ILQ55 VISHAY-ILQ55_V01 Datasheet
259Kb / 11P
   Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
01-Jan-2022
IL30 VISHAY-IL30 Datasheet
180Kb / 9P
   Optocoupler, Photodarlington Output (Single, Dual, Quad Channel)
Rev. 1.5, 26-Oct-04
IL30 VISHAY-IL30_14 Datasheet
232Kb / 10P
   Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
Rev. 1.8, 28-Jul-14
logo
List of Unclassifed Man...
MTL6400U ETC-MTL6400U Datasheet
66Kb / 2P
   SINGLE CHANNEL OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com