データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FFPF04S60STU データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FFPF04S60STU
部品情報  4A, 600V STEALTHTM II Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF04S60STU データシート(HTML) 1 Page - Fairchild Semiconductor

  FFPF04S60STU Datasheet HTML 1Page - Fairchild Semiconductor FFPF04S60STU Datasheet HTML 2Page - Fairchild Semiconductor FFPF04S60STU Datasheet HTML 3Page - Fairchild Semiconductor FFPF04S60STU Datasheet HTML 4Page - Fairchild Semiconductor FFPF04S60STU Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
tm
©2007 Fairchild Semiconductor Corporation
FFPF04S60S Rev. A
www.fairchildsemi.com
1
October 2007
STEALTH
II Rectifier
TM
FFPF04S60S
Features
• High Speed Switching, trr < 25ns @ IF = 4A
• High Reverse Voltage and High Reliability
• RoHS compliant
Applications
• General Purpose
• Switching Mode Power Supply
• Boost Diode in continuous mode power factor corrections
• Power switching circuits
4A, 600V STEALTHTM II Rectifier
The FFPF04S60S is STEALTHTM II rectifier with soft recovery
characteristics. It is silicon nitride passivated ion-implanted epi-
taxial planar construction.
This device is intended for use as freewheeling of boost diode in
switching power supplies and other power swithching applica-
tions. Their low stored charge and hyperfast soft recovery mini-
mize ringing and electrical noise in many power switching circuits
reducing power loss in the switching transistors.
Absolute Maximum Ratings T
C = 25
oC unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VRRM
Peak Repetitive Reverse Voltage
600
V
VRWM
Working Peak Reverse Voltage
600
V
VR
DC Blocking Voltage
600
V
IF(AV)
Average Rectified Forward Current
@ TC = 116
oC
4
A
IFSM
Non-repetitive Peak Surge Current
60Hz Single Half-Sine Wave
40
A
TJ, TSTG
Operating and Storage Temperature Range
-65 to +150
oC
Symbol
Parameter
Ratings
Units
RθJC
Maximum Thermal Resistance, Junction to Case
6.8
oC/W
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
F04S60S
FFPF04S60STU
TO-220F-2L
-
-
50
1. Cathode
2. Anode
1. Cathode 2. Anode
TO-220F-2L


同様の部品番号 - FFPF04S60STU

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FFPF04F150S FAIRCHILD-FFPF04F150S Datasheet
74Kb / 4P
   DAMPER DIODE
FFPF04U150S FAIRCHILD-FFPF04U150S Datasheet
75Kb / 4P
   DAMPER DIODE
FFPF04U40DN FAIRCHILD-FFPF04U40DN Datasheet
76Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFPF04U40DP FAIRCHILD-FFPF04U40DP Datasheet
77Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFPF04U40S FAIRCHILD-FFPF04U40S Datasheet
77Kb / 4P
   ULTRA FAST RECOVERY RECTIFIER
More results

同様の説明 - FFPF04S60STU

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FFPF60SB60DS FAIRCHILD-FFPF60SB60DS Datasheet
264Kb / 5P
   4A, 600V STEALTHTM II Rectifier
FFP08S60S FAIRCHILD-FFP08S60S_07 Datasheet
139Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFPF15S60S FAIRCHILD-FFPF15S60S Datasheet
241Kb / 5P
   15A, 600V STEALTHTM II Rectifier
FFPF08S60ST FAIRCHILD-FFPF08S60ST_12 Datasheet
294Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFP30S60S FAIRCHILD-FFP30S60S_12 Datasheet
511Kb / 6P
   30A, 600V STEALTHTM II Rectifier
FFP08S60SN FAIRCHILD-FFP08S60SN Datasheet
281Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFPF08S60SN FAIRCHILD-FFPF08S60SN Datasheet
153Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFD08S60S FAIRCHILD-FFD08S60S Datasheet
498Kb / 5P
   STEALTHTM II Rectifier 8A, 600V Stealth2 Rectifier
FFPF60SA60DS FAIRCHILD-FFPF60SA60DS Datasheet
75Kb / 5P
   StealthTM Rectifier
FFP04H60S FAIRCHILD-FFP04H60S Datasheet
348Kb / 5P
   4A, 600V Hyperfast 2 Rectifier
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com