データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N5234B データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 1N5234B
部品情報  Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N5234B データシート(HTML) 3 Page - Fairchild Semiconductor

  1N5234B Datasheet HTML 1Page - Fairchild Semiconductor 1N5234B Datasheet HTML 2Page - Fairchild Semiconductor 1N5234B Datasheet HTML 3Page - Fairchild Semiconductor 1N5234B Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
www.fairchildsemi.com
1N5221B - 1N5263B Rev. H1
Top Mark Information (Continued)
General Requirements:
1.0 Cathode Band
2.0 First Line: F - Fairchild Logo
3.0 Second Line: Device name - For 1Nxx series: 4th to 5th characters of the device name.
For BZxx series: 5th to 6th characters of the device name.
4.0 Third Line: Device name - For 1Nxx series: 6th to 7th characters of the device name.
For BZXyy series: Voltage rating
5.0 Devices shall be marked as required in the device specification (PID or FSC Test Spec).
6.0 Maximum no. of marking lines: 3
7.0 Maximum no. of digits per line: 2
8.0 FSC logo must be 20 % taller than the alphanumeric marking and should occupy the 2 characters of the specified line.
9.0 Marking Font: Arial (Except FSC Logo)
10.0 First character of each marking line must be aligned vertically.
11.0 All device markings must be based on Fairchild device specification.
1N5246B
1N5247B
1N5248B
1N5247B
1N5250B
LOGO
LOGO
LOGO
LOGO
LOGO
24
24
24
24
25
6B
7B
8B
9B
0B
1N5251B
1N5252B
1N5253B
1N5254B
1N5255B
LOGO
LOGO
LOGO
LOGO
LOGO
25
25
25
25
25
1B
2B
3B
4B
5B
1N5256B
1N5257B
1N5258B
1N5259B
1N5260B
LOGO
LOGO
LOGO
LOGO
LOGO
25
25
25
25
26
6B
7B
8B
9B
0B
1N5261B
1N5262B
1N5263B
LOGO
LOGO
LOGO
26
26
26
1B
2B
3B
F
22
1B
1st line: F - Fairchild Logo
2nd line: Device Name - 4th to 5th characters of the device name.
or 5th to 6th characters for BZXyy series
3rd line: Device Name - 6th to 7th characters of the device name.
or Voltage rating for BZXyy series


同様の部品番号 - 1N5234B

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
1N5234B EIC-1N5234B Datasheet
38Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
1N5234B VISHAY-1N5234B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
SeCoS Halbleitertechnol...
1N5234B SECOS-1N5234B Datasheet
122Kb / 2P
   500 mW , DO-35 Zener Diodes
logo
Microdiode Electronics ...
1N5234B CHENDA-1N5234B Datasheet
184Kb / 3P
   ZENER DIODES
logo
Weitron Technology
1N5234B WEITRON-1N5234B Datasheet
308Kb / 3P
   Surface Mount Zener Diodes
More results

同様の説明 - 1N5234B

メーカー部品番号データシート部品情報
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com