データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDS8880 データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 FDS8880
部品情報  N-Channel PowerTrench짰 MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8880 データシート(HTML) 5 Page - Fairchild Semiconductor

  FDS8880 Datasheet HTML 1Page - Fairchild Semiconductor FDS8880 Datasheet HTML 2Page - Fairchild Semiconductor FDS8880 Datasheet HTML 3Page - Fairchild Semiconductor FDS8880 Datasheet HTML 4Page - Fairchild Semiconductor FDS8880 Datasheet HTML 5Page - Fairchild Semiconductor FDS8880 Datasheet HTML 6Page - Fairchild Semiconductor FDS8880 Datasheet HTML 7Page - Fairchild Semiconductor FDS8880 Datasheet HTML 8Page - Fairchild Semiconductor FDS8880 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
©2007 Fairchild Semiconductor Corporation
FDS8880 Rev. B
www.fairchildsemi.com
5
NOTE: Refer to Fairchild Application Notes AN7514 and AN7515
Figure 5.
1
10
100
0.01
0.1
1
10
100
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 25oC
STARTING TJ = 150oC
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
Unclamped Inductive Switching
Capability
Figure 6.
0
10
20
30
40
50
1.5
2.0
2.5
3.0
3.5
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
TJ = 150oC
TJ = 25oC
TJ = -55oC
Transfer Characteristics
Figure 7. Saturation Characteristics
0
10
20
30
40
50
0
0.2
0.4
0.6
0.8
VDS, DRAIN TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VGS = 3V
VGS = 10V
TA = 25oC
VGS = 4V
VGS = 5V
Figure 8.
0
10
20
30
40
50
2468
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 11.6A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
ID = 1A
Drain to Source On Resistance vs Gate
Voltage and Drain Current
Figure 9.
0.6
0.8
1.0
1.2
1.4
1.6
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (oC)
VGS = 10V, ID = 11.6A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
Normalized Drain to Source On
Resistance vs Junction Temperature
Figure 10.
0.6
0.8
1.0
1.2
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (oC)
VGS = VDS, ID = 250µA
Normalized Gate Threshold Voltage vs
Junction Temperature
Typical Characteristics T
J = 25°C unless otherwise noted


同様の部品番号 - FDS8880

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS8880 FAIRCHILD-FDS8880 Datasheet
259Kb / 12P
   N-Channel PowerTrench MOSFET
logo
Analog Devices
FDS8880 AD-FDS8880 Datasheet
853Kb / 32P
   Dual 5 A, 20 V Synchronous Step-Down
REV. 0
FDS8880 AD-FDS8880 Datasheet
843Kb / 28P
   20 V, 6 A Synchronous Step-Down
REV. 0
FDS8880 AD-FDS8880 Datasheet
2Mb / 32P
   Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
More results

同様の説明 - FDS8880

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com