データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDZ191P_0612 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FDZ191P_0612
部品情報  P-Channel 1.5V PowerTrench짰 WL-CSP MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDZ191P_0612 データシート(HTML) 2 Page - Fairchild Semiconductor

  FDZ191P_0612 Datasheet HTML 1Page - Fairchild Semiconductor FDZ191P_0612 Datasheet HTML 2Page - Fairchild Semiconductor FDZ191P_0612 Datasheet HTML 3Page - Fairchild Semiconductor FDZ191P_0612 Datasheet HTML 4Page - Fairchild Semiconductor FDZ191P_0612 Datasheet HTML 5Page - Fairchild Semiconductor FDZ191P_0612 Datasheet HTML 6Page - Fairchild Semiconductor FDZ191P_0612 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FDZ191P Rev.F1 (W)
www.fairchildsemi.com
2
Electrical Characteristics T
J = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain to Source Breakdown Voltage
ID = -250μA, VGS = 0V
-20
V
ΔBV
DSS
ΔT
J
Breakdown Voltage Temperature
Coefficient
ID = -250μA, referenced to 25°C
-12
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = -16V, VGS = 0V
-1
μA
IGSS
Gate to Source Leakage Current
VGS = ±8V, VDS = 0V
±100
nA
On Characteristics
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = -250μA
-0.4
-0.6
-1.5
V
ΔV
GS(th)
ΔT
J
Gate to Source Threshold Voltage
Temperature Coefficient
ID = -250μA, referenced to 25°C
2
mV/°C
rDS(on)
Drain to Source On Resistance
VGS = -4.5V, ID = -1A
67
85
m
Ω
VGS = -2.5V, ID = -1A
85
123
VGS = -1.5V, ID = -1A
140
200
VGS = -4.5V, ID = -1A TJ = 125°C
87
123
ID(on)
On to State Drain Current
VGS = -4.5V, VDS = -5V
-10
A
gFS
Forward Transconductance
VDS = -5V, ID = -1A
7
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = -10V, VGS = 0V,
f = 1MHz
800
pF
Coss
Output Capacitance
155
pF
Crss
Reverse Transfer Capacitance
90
pF
Rg
Gate Resistance
f = 1MHz
9
Ω
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = -10V, ID = -1A
VGS = -4.5V, RGEN = 6Ω
11
20
ns
tr
Rise Time
10
20
ns
td(off)
Turn-Off Delay Time
50
80
ns
tf
Fall Time
30
48
ns
Qg(TOT)
Total Gate Charge at 10V
VGS = 0V to 10V V
DD = -10V
ID = -1A
9
13
nC
Qgs
Gate to Source Gate Charge
1
nC
Qgd
Gate to Drain “Miller” Charge
2
nC
Drain-Source Diode Characteristics
IS
Maximum continuous Drain-Source Diode Forward Current
-1.1
A
VSD
Source to Drain Diode Forward Voltage
VGS = 0V, IS = -1.1A
(Note 2)
-0.7
-1.2
V
trr
Reverse Recovery Time
IF = -1A, di/dt = 100A/μs
21
ns
Qrr
Reverse Recovery Charge
5
nC
Notes:
1: RθJA is determined with the device mounted on a 1in2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of FR-4 material. The thermal resistance from the junction to the circuit board
side of the solder ball, RθJB is defined for reference. For RθJC the thermal reference point for the case is defined as the top surface of the copper chip carrier. RθJC and RθJB
are guaranteed by design while RθJA is determined by the user's board design.
2: Pulse Test: Pulse Width < 300
μs, Duty cycle < 2.0%.
a. 83°C/W when mounted on
a 1 in2 pad of 2 oz copper,1.5”
X 1.5” X 0.062” thick PCB
b. 140°C/W when mounted on a
minimum pad of 2 oz copper


同様の部品番号 - FDZ191P_0612

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDZ191P FAIRCHILD-FDZ191P Datasheet
352Kb / 7P
   P-Channel 1.5V PowerTrenchTM WL-CSP MOSFET
More results

同様の説明 - FDZ191P_0612

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDZ191P FAIRCHILD-FDZ191P Datasheet
352Kb / 7P
   P-Channel 1.5V PowerTrenchTM WL-CSP MOSFET
FDZ1905PZ FAIRCHILD-FDZ1905PZ Datasheet
297Kb / 6P
   Common Drain P-Channel 1.5V PowerTrench짰 WL-CSP MOSFET -20V -3A, 123m廓
FDZ391P FAIRCHILD-FDZ391P Datasheet
256Kb / 7P
   P-Channel 1.5 V PowerTrench짰 Thin WL-CSP MOSFET
FDZ372NZ FAIRCHILD-FDZ372NZ Datasheet
297Kb / 7P
   N-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET
FDZ193P FAIRCHILD-FDZ193P Datasheet
260Kb / 7P
   P-Channel 1.7V PowerTrench WL-CSP MOSFET -20V, -1A, 90mohm
FDZ375P FAIRCHILD-FDZ375P_10 Datasheet
297Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 78 m廓
FDZ371PZ FAIRCHILD-FDZ371PZ Datasheet
274Kb / 7P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 75 m廓
FDZ375P FAIRCHILD-FDZ375P Datasheet
297Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 78 m廓
FDZ197PZ FAIRCHILD-FDZ197PZ Datasheet
294Kb / 7P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.8 A, 64 m廓
FDME910PZT FAIRCHILD-FDME910PZT Datasheet
271Kb / 7P
   P-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com