データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FIN224AC データシート(PDF) 10 Page - Fairchild Semiconductor

部品番号 FIN224AC
部品情報  22-Bit Bi-Directional Serializer/Deserializer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN224AC データシート(HTML) 10 Page - Fairchild Semiconductor

Back Button FIN224AC Datasheet HTML 6Page - Fairchild Semiconductor FIN224AC Datasheet HTML 7Page - Fairchild Semiconductor FIN224AC Datasheet HTML 8Page - Fairchild Semiconductor FIN224AC Datasheet HTML 9Page - Fairchild Semiconductor FIN224AC Datasheet HTML 10Page - Fairchild Semiconductor FIN224AC Datasheet HTML 11Page - Fairchild Semiconductor FIN224AC Datasheet HTML 12Page - Fairchild Semiconductor FIN224AC Datasheet HTML 13Page - Fairchild Semiconductor FIN224AC Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN224AC Rev.1.1.5
10
DC Electrical Characteristics
Values are for over-supply voltage and operating temperature ranges, unless otherwise specified. Typical values are
given for VDD = 2.775V and TA = 25°C. Positive current values refer to the current flowing into the device and negative
values refer to the current flowing out of the pins. Voltages are referenced to GROUND unless otherwise specified
(except
ΔVOD and VOD).
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
LVCMOS I/O
VIH
Input High Voltage
0.65 x VDDP
VDDP
VIL
Input Low Voltage
GND
0.35 x VDDP
V
VOH
Output High Voltage
IOH = 2.0mA
VDDP = 3.3±0.30
0.75 x VDDP
V
VDDP = 2.5±-0.20
VDDP = 1.8±0.18
VOL
Output Low Voltage
IOL = 2.0mA
VDDP = 3.3±0.30
0.25 x VDDP
V
VDDP = 2.5±0.20
VDDP = 1.8±0.18
IIN
Input Current
VIN = 0V to 3.6V
-5.0
5.0
µA
DIFFERENTIAL I/O
IODH
Output HIGH source current VOS = 1.0V
-1.75
mA
IODL
Output LOW sink current
VOS = 1.0V
0.950
mA
IOS
Short-Circuit Output
Current
VOUT = 0V
Driver Enabled
mA
Driver Disabled
±5
µA
IOZ
Disabled Output
Leakage Current
CKSO, DSO = 0V to VDDS
S2 = S1 = 0V
±1
±5
µA
ITH
Differential Input Threshold
High Current
50
µA
ITL
Differential Input Threshold
Low Current
-50
µA
IIZ
Disabled Input Leakage
Current
CKSI, DSI = 0V to VDDS
S2 = S1 = 0V
±1
±5
µA
IIS
Short-Circuit Input Current
VOUT = VDDS
mA
VICM
Input Common Mode
Range
VDDS = 2.775 ±5%
0.5
VDDS-1
V
RTRM
CKSI, DS Internal Receiver
Termination Resistor
VID = 50mV, VIC = 925mV, DIRI = 0
| CKSI+ – CKSI| = VID
100
Ω


同様の部品番号 - FIN224AC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN224AC FAIRCHILD-FIN224AC Datasheet
539Kb / 23P
   USerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224ACGFX FAIRCHILD-FIN224ACGFX Datasheet
539Kb / 23P
   USerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224ACGFX FAIRCHILD-FIN224ACGFX Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224ACGFX FAIRCHILD-FIN224ACGFX Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
More results

同様の説明 - FIN224AC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_11 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC_0611 FAIRCHILD-FIN224AC_0611 Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC Datasheet
539Kb / 23P
   USerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC Datasheet
708Kb / 21P
   USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN24C FAIRCHILD-FIN24C_06 Datasheet
449Kb / 25P
   uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN24A FAIRCHILD-FIN24A Datasheet
1Mb / 20P
   Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com