データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FCA16N60 データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 FCA16N60
部品情報  600V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCA16N60 データシート(HTML) 4 Page - Fairchild Semiconductor

  FCA16N60 Datasheet HTML 1Page - Fairchild Semiconductor FCA16N60 Datasheet HTML 2Page - Fairchild Semiconductor FCA16N60 Datasheet HTML 3Page - Fairchild Semiconductor FCA16N60 Datasheet HTML 4Page - Fairchild Semiconductor FCA16N60 Datasheet HTML 5Page - Fairchild Semiconductor FCA16N60 Datasheet HTML 6Page - Fairchild Semiconductor FCA16N60 Datasheet HTML 7Page - Fairchild Semiconductor FCA16N60 Datasheet HTML 8Page - Fairchild Semiconductor FCA16N60 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
www.fairchildsemi.com
FCA16N60 / FCA16N60_F109 REV. A2
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 11. Transient Thermal Response Curve
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
* Notes :
1. V
GS = 0 V
2. I
D = 250 µA
T
J
, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
∗ Notes :
1. V
GS = 10 V
2. I
D = 8 A
T
J
, Junction Temperature [
oC]
25
50
75
100
125
150
0
5
10
15
20
T
C
, Case Temperature [°C]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
10 us
Operation in This Area
is Limited by R
DS(on)
DC
1 ms
100 us
∗ Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
V
DS
, Drain-Source Voltage [V]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
∗ N o te s :
1 . Z
θ JC (t) = 0 .7 5
o
C/W M a x .
2 . D u ty F a c to r, D = t
1
/t
2
3 . T
JM
- T
C
= P
DM
* Z
θ JC (t )
s ingle puls e
D= 0 .5
0.02
0.2
0.05
0.1
0.01
t
1
, S q uare W a v e P u ls e D u ra tio n [s ec ]
t1
PDM
t2


同様の部品番号 - FCA16N60

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FCA16N60 FAIRCHILD-FCA16N60 Datasheet
905Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FCA16N60N FAIRCHILD-FCA16N60N Datasheet
523Kb / 8P
   N-Channel MOSFET 600V, 16A, 0.170W
logo
Inchange Semiconductor ...
FCA16N60N ISC-FCA16N60N Datasheet
347Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - FCA16N60

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com