データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDD5810 データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 FDD5810
部品情報  N-Channel Logic Level Trench짰 MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD5810 データシート(HTML) 5 Page - Fairchild Semiconductor

  FDD5810_07 Datasheet HTML 1Page - Fairchild Semiconductor FDD5810_07 Datasheet HTML 2Page - Fairchild Semiconductor FDD5810_07 Datasheet HTML 3Page - Fairchild Semiconductor FDD5810_07 Datasheet HTML 4Page - Fairchild Semiconductor FDD5810_07 Datasheet HTML 5Page - Fairchild Semiconductor FDD5810_07 Datasheet HTML 6Page - Fairchild Semiconductor FDD5810_07 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FDD5810 Rev. A (W)
www.fairchildsemi.com
5
Figure 5. Forward Bias Safe Operating Area
NOTE:
Refer to Fairchild Application Notes AN7514 and AN7515
Figure 6. Unclamped Inductive Switching
Capability
Figure 7. Transfer Characteristics
Figure 8. Saturation Characteristics
Figure 9. Drain to Source On Resistance vs Gate
Voltage and Drain Current
Figure 10. Normalized Drain to Source On
Resistance vs Junction Temperature
Typical Characteristics T
J = 25°C unless otherwise noted
110
100
0.1
1
10
100
200
10us
100us
1ms
10ms
VDS, DRAIN TO SOURCE VOLTAGE (V)
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(on)
SINGLE PULSE
TJ = MAX RATED
TC = 25
oC
DC
200
1
10
100
0.001
0.01
0.1
1
10
100
500
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 25oC
STARTING TJ = 150oC
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
0
20
40
60
01.0
2.0
3.0
4.0
5.0
VGS, GATE TO SOURCE VOLTAGE (V)
TJ = 175oC
TJ = 25oC
TJ = -55oC
PULSE DURATION = 80
μs
DUTY CYCLE = 0.5% MAX
VDD = 6V
0
20
40
60
0
0.5
1.0
1.5
2.0
2.5
VDS, DRAIN TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
μs
DUTY CYCLE = 0.5% MAX
TC = 25oC
VGS = 10V
VGS = 3.5V
VGS = 3V
VGS = 4.5V
VGS = 4V
VGS = 5V
14
18
22
26
24
68
10
ID = 1A
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 35A
PULSE DURATION = 80
μs
DUTY CYCLE = 0.5% MAX
30
-80
-40
0
40
80
120
160
200
0.4
0.8
1.2
1.6
2.0
2.4
2.8
PULSE DURATION = 80μs
DUTY CYCLE = 0.5% MAX
ID = 32A
VGS = 10V
TJ, JUNCTION TEMPERATURE(oC)


同様の部品番号 - FDD5810_07

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDD5810-F085 FAIRCHILD-FDD5810-F085 Datasheet
454Kb / 7P
   N-Channel Logic Level Trench MOSFET 60V, 36A, 27m
logo
ON Semiconductor
FDD5810-F085 ONSEMI-FDD5810-F085 Datasheet
350Kb / 8P
   N-Channel Logic Level Trench짰MOSFET
September-2017,Rev.1
logo
Fairchild Semiconductor
FDD5810 FAIRCHILD-FDD5810_10 Datasheet
229Kb / 7P
   N-Channel Logic Level Trench짰 MOSFET 60V, 36A, 27m"||" "474244
Wolfson AudioPlus??Stereo CODEC with Power Managem
More results

同様の説明 - FDD5810_07

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDD5810 FAIRCHILD-FDD5810_10 Datasheet
229Kb / 7P
   N-Channel Logic Level Trench짰 MOSFET 60V, 36A, 27m"||" "474244
Wolfson AudioPlus??Stereo CODEC with Power Managem
logo
Analog Power
AM3414N ANALOGPOWER-AM3414N Datasheet
105Kb / 3P
   N-Channel Logic Level MOSFET
AM2310N ANALOGPOWER-AM2310N Datasheet
244Kb / 5P
   N-Channel Logic Level MOSFET
logo
Samsung semiconductor
IRLZ44 SAMSUNG-IRLZ44 Datasheet
209Kb / 4P
   N-CHANNEL LOGIC LEVEL MOSFET
logo
ARTSCHIP ELECTRONICS CO...
IRLZ44 ARTSCHIP-IRLZ44 Datasheet
240Kb / 4P
   N-CHANNEL LOGIC LEVEL MOSFET
logo
Microsemi Corporation
2N6901 MICROSEMI-2N6901 Datasheet
154Kb / 3P
   N-CHANNEL LOGIC LEVEL MOSFET
logo
Analog Power
AM3402N ANALOGPOWER-AM3402N Datasheet
245Kb / 5P
   N-Channel Logic Level MOSFET
logo
SeCoS Halbleitertechnol...
SMG2318N SECOS-SMG2318N Datasheet
474Kb / 4P
   N-Channel Logic Level MOSFET
logo
Analog Power
AM3438NE ANALOGPOWER-AM3438NE Datasheet
256Kb / 5P
   N-Channel Logic Level MOSFET
logo
SeCoS Halbleitertechnol...
SMG2318N SECOS-SMG2318N_15 Datasheet
474Kb / 4P
   N-Channel Logic Level MOSFET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com