データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDD8882 データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 FDD8882
部品情報  N-Channel PowerTrench짰 MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8882 データシート(HTML) 4 Page - Fairchild Semiconductor

  FDD8882 Datasheet HTML 1Page - Fairchild Semiconductor FDD8882 Datasheet HTML 2Page - Fairchild Semiconductor FDD8882 Datasheet HTML 3Page - Fairchild Semiconductor FDD8882 Datasheet HTML 4Page - Fairchild Semiconductor FDD8882 Datasheet HTML 5Page - Fairchild Semiconductor FDD8882 Datasheet HTML 6Page - Fairchild Semiconductor FDD8882 Datasheet HTML 7Page - Fairchild Semiconductor FDD8882 Datasheet HTML 8Page - Fairchild Semiconductor FDD8882 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
FDD8882/FDU8882 Rev. C
www.fairchildsemi.com
4
Typical Characteristics T
C = 25°C unless otherwise noted
Figure 1. Normalized Power Dissipation vs Case
Temperature
Figure 2. Maximum Continuous Drain Current vs
Case Temperature
Figure 3. Normalized Maximum Transient Thermal Impedance
Figure 4. Peak Current Capability
TC, CASE TEMPERATURE (
oC)
0
0
25
50
75
100
175
0.2
0.4
0.6
0.8
1.0
1.2
125
150
0
20
40
60
25
50
75
100
125
150
175
TC, CASE TEMPERATURE (
oC)
CURRENT LIMITED
BY PACKAGE
VGS = 10V
0.01
0.1
1
10-5
10-4
10-3
10-2
10-1
100
101
2
t, RECTANGULAR PULSE DURATION (s)
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
PDM
t1
t2
0.5
0.2
0.1
0.05
0.01
0.02
DUTY CYCLE - DESCENDING ORDER
SINGLE PULSE
100
10-5
10-4
10-3
10-2
10-1
100
101
600
30
t, PULSE WIDTH (s)
TC = 25
oC
I = I25
175 - TC
150
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
VGS = 4.5V


同様の部品番号 - FDD8882

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDD8882 FAIRCHILD-FDD8882 Datasheet
277Kb / 12P
   N-Channel PowerTrench MOSFET
logo
Inchange Semiconductor ...
FDD8882 ISC-FDD8882 Datasheet
352Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD8882_NL FAIRCHILD-FDD8882_NL Datasheet
277Kb / 12P
   N-Channel PowerTrench MOSFET
More results

同様の説明 - FDD8882

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com