データシートサーチシステム |
|
FQA8N90C データシート(PDF) 2 Page - Fairchild Semiconductor |
|
FQA8N90C データシート(HTML) 2 Page - Fairchild Semiconductor |
2 / 8 page 2 www.fairchildsemi.com FQA8N90C_F109 Rev. A Package Marking and Ordering Information Electrical Characteristics T C = 25°C unless otherwise noted NOTES: 1. Repetitive Rating : Pulse width limited by maximum junction temperature 2. L = 25mH, IAS =8.0A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C 3. ISD ≤ 8.0A, di/dt ≤200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C 4. Pulse Test : Pulse width ≤ 300µs, Duty cycle ≤ 2% 5. Essentially independent of operating temperature Device Marking Device Package Reel Size Tape Width Quantity FQA8N90C FQA8N90C_F109 TO-3PN -- -- 30 Symbol Parameter Test Conditions Min Typ Max Units Off Characteristics BVDSS Drain-Source Breakdown Voltage VGS = 0 V, ID = 250 µA 900 -- -- V ∆BVDSS/ ∆TJ Breakdown Voltage Temperature Coefficient ID = 250 µA, Referenced to 25°C -- 0.95 -- V/°C IDSS Zero Gate Voltage Drain Current VDS = 900 V, VGS = 0 V -- -- 10 µA VDS = 720 V, TC = 125°C -- -- 100 µA IGSSF Gate-Body Leakage Current, Forward VGS = 30 V, VDS = 0 V -- -- 100 nA IGSSR Gate-Body Leakage Current, Reverse VGS = -30 V, VDS = 0 V -- -- -100 nA On Characteristics VGS(th) Gate Threshold Voltage VDS = VGS, ID = 250 µA3.0 -- 5.0 V RDS(on) Static Drain-Source On-Resistance VGS = 10 V, ID = 4.0 A -- 1.6 1.9 Ω gFS Forward Transconductance VDS = 50 V, ID = 4.0 A (Note 4) -- 5.5 -- S Dynamic Characteristics Ciss Input Capacitance VDS = 25 V, VGS = 0 V, f = 1.0 MHz -- 1600 2080 pF Coss Output Capacitance -- 130 170 pF Crss Reverse Transfer Capacitance -- 12 15 pF Switching Characteristics td(on) Turn-On Delay Time VDD = 450 V, ID = 11.0A, RG = 25 Ω (Note 4, 5) -- 40 90 ns tr Turn-On Rise Time -- 110 230 ns td(off) Turn-Off Delay Time -- 70 150 ns tf Turn-Off Fall Time -- 70 150 ns Qg Total Gate Charge VDS = 720 V, ID = 11.0A, VGS = 10 V (Note 4, 5) -- 35 45 nC Qgs Gate-Source Charge -- 10 -- nC Qgd Gate-Drain Charge -- 14 -- nC Drain-Source Diode Characteristics and Maximum Ratings IS Maximum Continuous Drain-Source Diode Forward Current -- -- 8.0 A ISM Maximum Pulsed Drain-Source Diode Forward Current -- -- 32.0 A VSD Drain-Source Diode Forward Voltage VGS = 0 V, IS = 8.0 A -- -- 1.4 V trr Reverse Recovery Time VGS = 0 V, IS = 8.0 A, dIF / dt = 100 A/µs (Note 4) -- 530 -- ns Qrr Reverse Recovery Charge -- 5.8 -- µC |
同様の部品番号 - FQA8N90C |
|
同様の説明 - FQA8N90C |