データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STPS15L45CB データシート(PDF) 2 Page - STMicroelectronics

部品番号 STPS15L45CB
部品情報  LOW DROP POWER SCHOTTKY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS15L45CB データシート(HTML) 2 Page - STMicroelectronics

  STPS15L45CB Datasheet HTML 1Page - STMicroelectronics STPS15L45CB Datasheet HTML 2Page - STMicroelectronics STPS15L45CB Datasheet HTML 3Page - STMicroelectronics STPS15L45CB Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
STPS15L45CB
2/4
Symbol
Parameter
Tests Conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage current
Tj = 25°C
VR =VRRM
1mA
Tj = 125°C
23
45
mA
VF *
Forward voltage drop
Tj = 25
°CIF = 7.5 A
0.52
V
Tj = 125°C
IF = 7.5 A
0.40
0.46
Tj=25
°CIF =12 A
0.60
Tj = 125°C
IF =12 A
0.49
0.57
Tj=25
°CIF =15 A
0.64
Tj = 125°C
IF =15 A
0.53
0.63
Pulse test : * tp = 380 µs,
δ <2%
To evaluate the conduction losses use the following equation :
P=0.29xIF(AV) + 0.023 IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS (per diode)
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
Per diode
Total
4
2.4
°C/W
Rth(c)
Coupling
0.7
When the diodes 1 and 2 are used simultaneously :
∆ Tj(diode 1) = P(diode1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)
THERMAL RESISTANCES
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
01
23
45
67
89
10
IF(av)(A)
PF(av)(W)
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
T
δ=tp/T
tp
Fig. 1: Conduction losses versus average current.
0
1
2
3
4
5
6
7
8
9
0
25
50
75
100
125
150
Tamb(°C)
Rth(j-a)=Rth(j-c)
Rth(j-a)=70°C/W
IF(av)(A)
T
δ=tp/T
tp
Fig. 2: Average forward current versus ambient
temperature (
δ = 0.5).
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
T (°C)
j
P(t )
P
(25°C)
ARM p
ARM
Fig. 4: Normalized avalanche power derating
versus junction temperature.
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(t )
P
(1µs)
ARM p
ARM
Fig. 3: Normalized avalanche power derating
versus pulse duration.


同様の部品番号 - STPS15L45CB

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
STPS15L45CB ISC-STPS15L45CB Datasheet
273Kb / 2P
   Schottky Barrier Rectifier
logo
STMicroelectronics
STPS15L45CB STMICROELECTRONICS-STPS15L45CB Datasheet
244Kb / 8P
   Low drop power Schottky rectifier
December 2015 Rev 4
STPS15L45CB-TR STMICROELECTRONICS-STPS15L45CB-TR Datasheet
244Kb / 8P
   Low drop power Schottky rectifier
December 2015 Rev 4
STPS15L45CBY-TR STMICROELECTRONICS-STPS15L45CBY-TR Datasheet
218Kb / 8P
   Automotive low drop power Schottky rectifier
July 2015 Rev 2
More results

同様の説明 - STPS15L45CB

メーカー部品番号データシート部品情報
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
July 2003 - Ed: 4A
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS80L30CY STMICROELECTRONICS-STPS80L30CY Datasheet
24Kb / 3P
   LOW DROP POWER SCHOTTKY RECTIFIER
1N5817 STMICROELECTRONICS-1N5817 Datasheet
107Kb / 7P
   Low drop power Schottky rectifier
STPS5L25B-TR STMICROELECTRONICS-STPS5L25B-TR Datasheet
88Kb / 7P
   Low drop power Schottky rectifier
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
   Low drop power Schottky rectifier
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
   Low drop power Schottky rectifier
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com